Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G06CT Datasheet(PDF) 1 Page - XP Power Limited

Part # G06CT
Description  ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

G06CT Datasheet(HTML) 1 Page - XP Power Limited

  G06CT Datasheet HTML 1Page - XP Power Limited G06CT Datasheet HTML 2Page - XP Power Limited G06CT Datasheet HTML 3Page - XP Power Limited G06CT Datasheet HTML 4Page - XP Power Limited G06CT Datasheet HTML 5Page - XP Power Limited G06CT Datasheet HTML 6Page - XP Power Limited G06CT Datasheet HTML 7Page - XP Power Limited G06CT Datasheet HTML 8Page - XP Power Limited G06CT Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
0
10
20
30
40
60
80
70
50
100
90
01
23
45
67
89
10
11
12
13
14
15
Input Voltage
Typical Input vs. Output Voltages
4726BH01
PAGE 1
WWW.XPPOWER.COM
MODEL
OUTPUT
VOLTAGE*2
OUTPUT
CURRENT*1
G01
100V
15mA
G02
200V
7.5mA
G03
300V
5mA
G04
400V
3.75mA
G05
500V
3mA
G06
600V
2.5mA
G10
1kV
1.5mA
G12
1.2kV
1.25mA
G15
1.5kV
1.0mA
G20
2kV
0.75mA
G25
2.5kV
0.60mA
G30
3kV
0.50mA
G40*8
4kV
0.37mA
G50*8
5kV
0.30mA
G60*8
6kV
0.25mA
GPMT*7
1.25kV
350uA
100V to 6kV at 1.5W
PRODUCT DESCRIPTION
Proven
Reliability
G SERIES
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
APPLICATIONS
OPTIONS
PRODUCT DESCRIPTION
PRODUCT SELECTION TABLE
FEATURES
• Proportional Input/Output
• Compact, PCB Mount Package
• Low Ripple, Low EMI / RFI
• Proven Reliability
• Short Circuit Protection
• Input/Output Isolation
• Low Leakage Current
• Low Input/Output Coupling Capacitance
• No External Components Required
• No Minimum Load Required
• MTBF: >2.29 Million Hours per Bellcore TR-332
• RoHS Compliant
• Capacitor Charging
• Piezo Devices
• Mass Spectrometry
• Electrostatic Chuck
• Igniter / Spark Module
• Sustaining Ion Pumps
• Piezo Devices
• Vacuum Gauges
• Photomultiplier Tubes
• Lamp Ignition and Drive
• Dual output (Center Tap) Models Available (CT Suffix)
• External Mounting Enclosure (AB Suffix)
• Alternate Input/Output Combinations (Consult Factory)
The G Series is a line of miniature, versatile component level build-
ing blocks that provide up to 6kV, positive or negative, in a compact
PC mount package. The isolated output is directly proportional to the
input, and is linear from approximately 0.7 volts in. Excellent filtering
techniques and a low noise quasi-sinewave oscillator provide clean,
reliable DC to HV DC conversion with low ripple and low EMI/RFI.
The isolated output allows for user selectable output polarity. A dual
output option with center-tap pin which, when grounded provides both
positive and negative outputs from one compact, low cost module. The
pin pattern on the G Series allows for a direct drop-in replacement
for many larger high voltage modules. The GPMT model has been
specifically designed for biasing PMT’s.


Similar Part No. - G06CT

ManufacturerPart #DatasheetDescription
logo
Powerbox
G06CT POWERBOX-G06CT Datasheet
564Kb / 3P
   1.5-10 WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - G06CT

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com