Electronic Components Datasheet Search |
|
AT91M55800A Datasheet(PDF) 11 Page - ATMEL Corporation |
|
AT91M55800A Datasheet(HTML) 11 Page - ATMEL Corporation |
11 / 227 page 11 AT91M55800A 1745B–ATARM–04/02 Product Overview Power Supplies The AT91M55800A has 5 kinds of power supply pins: • VDDCORE pins, which power the chip core • VDDIO pins, which power the I/O Lines • VDDPLL pins, which power the oscillator and PLL cells • VDDA pins, which power the analog peripherals ADC and DAC • VDDBU pins, which power the RTC, the 32768 Hz oscillator and the Shut-down Logic of the APMC VDDIO and VDDCORE are separated to permit the I/O lines to be powered with 5V, thus resulting in full TTL compliance. The following ground pins are provided: • GND for both VDDCORE and VDDIO • GNDPLL for VDDPLL • GNDA for VDDA • GNDBU for VDDBU All of these ground pins must be connected to the same voltage (generally the board electric ground) with wires as short as possible. GNDPLL, GNDA and GNDBU are pro- vided separately in order to allow the user to add a decoupling capacitor directly between the power and ground pads. In the same way, the PLL filter resistor and capac- itors must be connected to the device and to GNDBU with wires as short as possible. Also, the main oscillator crystal and the 32768 Hz crystal external load capacitances must be connected respectively to GNDPLL and to GNDBU with wires as short as possible. The main constraints applying to the different voltages of the device are: • VDDBU must be lower than or equal to VDDCORE • VDDA must be higher than or equal to VDDCORE • VDDCORE must be lower than or equal to VDDIO The nominal power combinations supported by the AT91M55800A are described in the following table: Input/Output Considerations After the reset, the peripheral I/Os are initialized as inputs to provide the user with maxi- mum flexibility. It is recommended that in any application phase, the inputs to the AT91M55800A microcontroller be held at valid logic levels to minimize the power consumption. Table 3. Nominal Power Combinations VDDIO VDDCORE VDDA VDDPLL VDDBU Maximum Operating Frequency 3V 3V 3V 3V 3V 33 MHz 3.3V 3.3V 3.3V 3.3V 3.3V 33 MHz 5V 3.3V 3.3V 3.3V 3.3V 33 MHz |
Similar Part No. - AT91M55800A |
|
Similar Description - AT91M55800A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |