Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS20201LT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSS20201LT1G
Description  NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS20201LT1G Datasheet(HTML) 4 Page - ON Semiconductor

  NSS20201LT1G_16 Datasheet HTML 1Page - ON Semiconductor NSS20201LT1G_16 Datasheet HTML 2Page - ON Semiconductor NSS20201LT1G_16 Datasheet HTML 3Page - ON Semiconductor NSS20201LT1G_16 Datasheet HTML 4Page - ON Semiconductor NSS20201LT1G_16 Datasheet HTML 5Page - ON Semiconductor NSS20201LT1G_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NSS20201LT1G, NSV20201LT1G
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
10
1
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
0.25
Figure 3. DC Current Gain vs. Collector
Current
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
150
200
300
450
500
500
550
600
10
1
0.1
0.01
0.001
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.1
Figure 5. Base Emitter Turn−On Voltage vs.
Collector Current
Figure 6. Saturation Region
IC, COLLECTOR CURRENT (A)
IB, BASE CURRENT (mA)
10
1
0.1
0.01
0.001
0.1
0.2
0.3
0.4
0.5
0.6
0.9
1.0
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
IC/IB = 10
150°C
25°C
−55°C
IC/IB = 100
150°C
25°C
−55°C
150°C (5.0 V)
150°C (2.0 V)
25°C (5.0 V)
25°C (2.0 V)
−55°C (5.0 V)
−55°C (2.0 V)
0.9
150°C
25°C
−55°C
150°C
25°C
−55°C
0.7
0.8
IC = 500 mA
300 mA
100 mA
10 mA
IC/IB = 10
250
350
VCE = 2.0 V


Similar Part No. - NSS20201LT1G_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20201LT1G ONSEMI-NSS20201LT1G_11 Datasheet
135Kb / 6P
   20 V, 4.0 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 6
More results

Similar Description - NSS20201LT1G_16

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com