Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4838MTE Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4838MTE
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838MTE Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4838MTE Datasheet HTML 2Page - National Semiconductor (TI) LM4838MTE Datasheet HTML 3Page - National Semiconductor (TI) LM4838MTE Datasheet HTML 4Page - National Semiconductor (TI) LM4838MTE Datasheet HTML 5Page - National Semiconductor (TI) LM4838MTE Datasheet HTML 6Page - National Semiconductor (TI) LM4838MTE Datasheet HTML 7Page - National Semiconductor (TI) LM4838MTE Datasheet HTML 8Page - National Semiconductor (TI) LM4838MTE Datasheet HTML 9Page - National Semiconductor (TI) LM4838MTE Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Electrical Characteristics for Bridged Mode Operation (Notes 7, 10) (Continued)
Note 16: All bumps have the same thermal resistance and contribute equally when used to lower thermal resistance. The LM4838ITL demo board (views featured
in the Application Information section) is a four layer board with two inner layers. The second inner layer is a VDD plane with the bottom outside layer a GND plane.
The planes measure 1,900mils x 1,750mils (48.26mm x 44.45mm) and aid in spreading heat due to power dissipation within the IC.
Typical Application
Truth Table for Logic Inputs (Note 17)
Gain
Sel
Mode
Headphone
Sense
Mute
Shutdown Output Stage Set To
DC Volume
Output Stage
Configuration
0
0
0
0
0
Internal Gain
Fixed
BTL
0
0
1
0
0
Internal Gain
Fixed
SE
0
1
0
0
0
Internal Gain
Adjustable
BTL
0
1
1
0
0
Internal Gain
Adjustable
SE
1
0
0
0
0
External Gain
Fixed
BTL
1
0
1
0
0
External Gain
Fixed
SE
1
1
0
0
0
External Gain
Adjustable
BTL
1
1
1
0
0
External Gain
Adjustable
SE
X
X
X
1
0
Muted
X
Muted
X
X
X
X
1
Shutdown
X
X
Note 17: If system beep is detected on the Beep In pin, the system beep will be passed through the bridged amplifier regardless of the logic of the Mute and HP
sense pins.
20013303
FIGURE 2. Typical Application Circuit ( LQ Package Pinout )
www.national.com
6


Similar Part No. - LM4838MTE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4838MTEX/NOPB TI-LM4838MTEX/NOPB Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results

Similar Description - LM4838MTE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
[Old version datasheet]   Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
   2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
logo
Anpec Electronics Corop...
APA4838 ANPEC-APA4838 Datasheet
244Kb / 29P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4936 NSC-LM4936 Datasheet
1Mb / 28P
   Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Anpec Electronics Corop...
APA4835 ANPEC-APA4835 Datasheet
214Kb / 22P
   Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com