Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW21193G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NJW21193G
Description  Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJW21193G Datasheet(HTML) 3 Page - ON Semiconductor

  NJW21193G_13 Datasheet HTML 1Page - ON Semiconductor NJW21193G_13 Datasheet HTML 2Page - ON Semiconductor NJW21193G_13 Datasheet HTML 3Page - ON Semiconductor NJW21193G_13 Datasheet HTML 4Page - ON Semiconductor NJW21193G_13 Datasheet HTML 5Page - ON Semiconductor NJW21193G_13 Datasheet HTML 6Page - ON Semiconductor NJW21193G_13 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJW21193G (PNP) NJW21194G (NPN)
http://onsemi.com
3
Figure 3. DC Current Gain, VCE = 20 V
Figure 4. DC Current Gain, VCE = 20 V
Figure 5. DC Current Gain, VCE = 5 V
Figure 6. DC Current Gain, VCE = 5 V
IC COLLECTOR CURRENT (AMPS)
IC COLLECTOR CURRENT (AMPS)
IC COLLECTOR CURRENT (AMPS)
IC COLLECTOR CURRENT (AMPS)
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 7. Typical Output Characteristics
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 8. Typical Output Characteristics
PNP NJW21193G
NPN NJW21194G
TYPICAL CHARACTERISTICS
PNP NJW21193G
PNP NJW21193G
NPN NJW21194G
NPN NJW21194G
1000
100
10
100
10
1.0
0.1
1000
100
10
100
10
1.0
0.1
1000
100
10
100
10
1.0
0.1
1000
100
10
100
10
1.0
0.1
30
0
25
20
15
10
5.0
0
5.0
10
15
20
25
35
0
30
25
20
15
5.0
0
5.0
10
15
20
25
10
VCE = 20 V
TJ = 100°C
25
°C
-25
°C
VCE = 20 V
TJ = 100°C
25
°C
-25
°C
TJ = 100°C
25
°C
-25
°C
VCE = 5 V
TJ = 100°C
25
°C
-25
°C
VCE = 20 V
TJ = 25°C
TJ = 25°C
1.5 A
IB = 2 A
1 A
0.5 A
IB = 2 A
1.5 A
1 A
0.5 A


Similar Part No. - NJW21193G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJW21193G ONSEMI-NJW21193G Datasheet
95Kb / 7P
   Silicon Power Transistors
January, 2008 - Rev. 0
logo
Inchange Semiconductor ...
NJW21193G ISC-NJW21193G Datasheet
263Kb / 2P
   isc Silicon PNP Power Transistor
logo
Thinki Semiconductor Co...
NJW21193G THINKISEMI-NJW21193G Datasheet
3Mb / 6P
   200 Watt Silicon Epitaxial Planar PNP Type Power Transistor
Rev.13T
More results

Similar Description - NJW21193G_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com