Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJD2873 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NJD2873
Description  Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJD2873 Datasheet(HTML) 2 Page - ON Semiconductor

  NJD2873 Datasheet HTML 1Page - ON Semiconductor NJD2873 Datasheet HTML 2Page - ON Semiconductor NJD2873 Datasheet HTML 3Page - ON Semiconductor NJD2873 Datasheet HTML 4Page - ON Semiconductor NJD2873 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NJD2873
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance
Junction−to−Case
Junction−to−Ambient (Note 1)
RqJC
RqJA
10
89.3
°C/W
1. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 10 mAdc, IB = 0)
VCEO(sus)
50
Vdc
Collector Cutoff Current
(VCB = 50 Vdc, IE = 0)
ICBO
100
nAdc
Emitter Cutoff Current (VBE = 5 Vdc, IC = 0)
IEBO
100
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 2)
(IC = 0.5 A, VCE = 2 V)
(IC = 2 Adc, VCE = 2 Vdc)
(IC = 0.75 Adc, VCE = 1.6 Vdc, −40°C ≤ TJ ≤ 150°C)
hFE
120
40
80
360
360
Collector−Emitter Saturation Voltage (Note 2)
(IC = 1 A, IB = 0.05 A)
VCE(sat)
0.3
Vdc
Base−Emitter Saturation Voltage (Note 2) (IC = 1 A, IB = 0.05 Adc)
VBE(sat)
1.2
Vdc
Base−Emitter On Voltage (Note 2)
(IC = 1 Adc, VCE = 2 Vdc)
(IC = 0.75 Adc, VCE = 1.6 Vdc, −40°C ≤ TJ ≤ 150°C)
VBE(on)
1.2
0.95
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (Note 3)
(IC = 100 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
65
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
80
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle [ 2%.
3. fT = ⎪hfe⎪• ftest.


Similar Part No. - NJD2873

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJD2873 ONSEMI-NJD2873 Datasheet
53Kb / 5P
   Plastic Power Transistors
November, 2006 ??Rev. 8
logo
Inchange Semiconductor ...
NJD2873 ISC-NJD2873 Datasheet
227Kb / 2P
   isc Silicon NPN Power Transistor
logo
ON Semiconductor
NJD2873G ONSEMI-NJD2873G Datasheet
53Kb / 5P
   Plastic Power Transistors
November, 2006 ??Rev. 8
NJD2873RL ONSEMI-NJD2873RL Datasheet
53Kb / 5P
   Plastic Power Transistors
November, 2006 ??Rev. 8
NJD2873RLG ONSEMI-NJD2873RLG Datasheet
53Kb / 5P
   Plastic Power Transistors
November, 2006 ??Rev. 8
More results

Similar Description - NJD2873

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
   RF POWER TRANSISTORS RF POWER TRANSISTORS
logo
ON Semiconductor
MJW16206 ONSEMI-MJW16206 Datasheet
306Kb / 10P
   POWER TRANSISTORS
REV 3
MJE18204 ONSEMI-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS
1995
logo
Unisonic Technologies
UP2518 UTC-UP2518_15 Datasheet
114Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N6543 JMNIC-2N6543 Datasheet
141Kb / 1P
   Power Transistors
2SC3694_2014 JMNIC-2SC3694_2014 Datasheet
33Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N1047 NJSEMI-2N1047 Datasheet
120Kb / 1P
   POWER TRANSISTORS
logo
Central Semiconductor C...
TN2905 CENTRAL-TN2905 Datasheet
50Kb / 1P
   Power Transistors
logo
ON Semiconductor
MJE18004D2 ONSEMI-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS
1995
logo
Continental Device Indi...
CSA1301FPNP CDIL-CSA1301FPNP Datasheet
138Kb / 3P
   POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SC3710_2014 JMNIC-2SC3710_2014 Datasheet
35Kb / 1P
   Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com