Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVMMBT6520L Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSVMMBT6520L
Description  High Voltage Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVMMBT6520L Datasheet(HTML) 3 Page - ON Semiconductor

  NSVMMBT6520L Datasheet HTML 1Page - ON Semiconductor NSVMMBT6520L Datasheet HTML 2Page - ON Semiconductor NSVMMBT6520L Datasheet HTML 3Page - ON Semiconductor NSVMMBT6520L Datasheet HTML 4Page - ON Semiconductor NSVMMBT6520L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBT6520L, NSVMMBT6520L
www.onsemi.com
3
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
200
100
20
30
50
70
VCE = 10 V
TJ = 125°C
25
°C
-55
°C
Figure 2. Current−Gain — Bandwidth Product
Figure 3. “On” Voltages
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0
3.0
5.0 7.0 10
20
30
50 70
100
20
30
50
70
10
TJ = 25°C
VCE = 20 V
f = 20 MHz
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
1.4
1.2
0
0.6
0.8
1.0
0.4
0.2
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 5.0
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
RqVC for VCE(sat)
RqVB for VBE
25
°C to 125°C
-55
°C to 25°C
-55
°C to 125°C
IC
IB
+ 10
Figure 4. Temperature Coefficients
VR, REVERSE VOLTAGE (VOLTS)
200
0.2
0.5
1.0
2.0
5.0
10
20
50 100
100
2.0
3.0
5.0
70
1.0
7.0
10
20
30
50
TJ = 25°C
Ccb
Ceb
Figure 5. Capacitance
IC, COLLECTOR CURRENT (mA)
100
1.0
2.0
3.0
5.0 7.0
10
20
30
50
70
1.0k
20
10
30
50
70
100
200
300
500
700
td @ VBE(off) = 2.0 V
tr
VCE(off) = 100 V
IC/IB = 5.0
TJ = 25°C
Figure 6. Turn−On Time


Similar Part No. - NSVMMBT6520L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVMMBT6429LT1G ONSEMI-NSVMMBT6429LT1G Datasheet
191Kb / 5P
   Amplifier Transistors
October, 2016 ??Rev. 7
More results

Similar Description - NSVMMBT6520L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com