Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT5089L Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBT5089L
Description  Low Noise Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5089L Datasheet(HTML) 2 Page - ON Semiconductor

  MMBT5089L Datasheet HTML 1Page - ON Semiconductor MMBT5089L Datasheet HTML 2Page - ON Semiconductor MMBT5089L Datasheet HTML 3Page - ON Semiconductor MMBT5089L Datasheet HTML 4Page - ON Semiconductor MMBT5089L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBT5088L, MMBT5089L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = 1.0 mAdc, IB = 0)
MMBT5088L
MMBT5089L
V(BR)CEO
30
25
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
MMBT5088L
MMBT5089L
V(BR)CBO
35
30
Vdc
Collector Cutoff Current
(VCB = 20 Vdc, IE = 0)
MMBT5088L
(VCB = 15 Vdc, IE = 0)
MMBT5089L
ICBO
50
50
nAdc
Emitter Cutoff Current
(VEB(off) = 3.0 Vdc, IC = 0)
MMBT5088L
(VEB(off) = 4.5 Vdc, IC = 0)
MMBT5089L
IEBO
50
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mAdc, VCE = 5.0 Vdc)
MMBT5088L
MMBT5089L
(IC = 1.0 mAdc, VCE = 5.0 Vdc)
MMBT5088L
MMBT5089L
(IC = 10 mAdc, VCE = 5.0 Vdc)
MMBT5088L
MMBT5089L
hFE
300
400
350
450
300
400
900
1200
Collector − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VCE(sat)
0.5
Vdc
Base − Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
VBE(sat)
0.8
Vdc
SMALL− SIGNAL CHARACTERISTICS
Current − Gain — Bandwidth Product
(IC = 500 mAdc, VCE = 5.0 Vdc, f = 20 MHz)
fT
50
MHz
Collector−Base Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz emitter guarded)
Ccb
4.0
pF
Emitter−Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz collector guarded)
Ceb
10
pF
Small Signal Current Gain
(IC = 1.0 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz)
MMBT5088L
MMBT5089L
hfe
350
450
1400
1800
Noise Figure
(IC = 100 mAdc, VCE = 5.0 Vdc, RS = 10 kW, f = 1.0 kHz)
MMBT5088L
MMBT5089L
NF
3.0
2.0
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
RS
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model


Similar Part No. - MMBT5089L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT5089LT1 MOTOROLA-MMBT5089LT1 Datasheet
298Kb / 6P
   Low Noise Transistors
logo
ON Semiconductor
MMBT5089LT1 ONSEMI-MMBT5089LT1 Datasheet
211Kb / 8P
   Low Noise Transistors
March, 2001 ??Rev. 1
logo
Leshan Radio Company
MMBT5089LT1 LRC-MMBT5089LT1 Datasheet
211Kb / 4P
   Low Noise Transistors(NPN Silicon)
logo
ON Semiconductor
MMBT5089LT1G ONSEMI-MMBT5089LT1G Datasheet
198Kb / 5P
   Low Noise Transistors NPN Silicon
August, 2009 ??Rev. 3
More results

Similar Description - MMBT5089L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
   LOW NOISE TRANSISTORS
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
   Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
   Low Noise Transistors
June, 2009 ??Rev. 3
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
   Low Noise Transistors
logo
ON Semiconductor
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
   Low Noise Transistors
August, 2006 ??Rev. 3
logo
Motorola, Inc
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
   Low Noise Transistors
MRF949T1 MOTOROLA-MRF949T1 Datasheet
166Kb / 14P
   LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
   Low Noise Transistors
July, 2012 ??Rev. 4
MMBT5088LT1 ONSEMI-MMBT5088LT1 Datasheet
211Kb / 8P
   Low Noise Transistors
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com