Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ15001 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJ15001
Description  Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15001 Datasheet(HTML) 3 Page - ON Semiconductor

  MJ15001_13 Datasheet HTML 1Page - ON Semiconductor MJ15001_13 Datasheet HTML 2Page - ON Semiconductor MJ15001_13 Datasheet HTML 3Page - ON Semiconductor MJ15001_13 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MJ15001 (NPN), MJ15002 (PNP)
http://onsemi.com
3
IC, COLLECTOR CURRENT (AMP)
0.7
1
2
3
5
10
720
0.2 0.3
0.5
2
0.7
1
2
3
5
10
720
0.2 0.3
0.5
Figure 2. Capacitances
IC, COLLECTOR CURRENT (AMP)
2.0
1.6
1.2
0.4
0.8
0
0.7
1
2
3
5
10
720
IC, COLLECTOR CURRENT (AMP)
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Current−Gain — Bandwidth Product
Figure 4. DC Current Gain
700
500
1000
3
5
10
150
2
300
200
100
70
50
30
20
7
IC, COLLECTOR CURRENT (AMP)
Figure 5. “On” Voltages
10
20
30
70
50
100
1.5
9
8
10
0.3
0.5
1
0.2
4
3
2
1
0.7
MJ15002 (PNP)
0
35
10
7
0.1
2
7
6
5
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5
TJ = 25°C
VBE @ VCE = 2 Vdc
VCE(sat) @ IC/IB = 10
TJ = 100°C
25
°C
100
°C
2.0
1.6
1.2
0.4
0.8
0
0.7
1
2
3
5
10
720
0.2 0.3
0.5
TJ = 100°C
25
°C
VCE = 2 Vdc
TJ = 25°C
VCE = 10 V
ftest = 0.5 MHz
Cib
MJ15001
(NPN)
TJ = 25°C
MJ15001 (NPN)
MJ15002 (PNP)
70
50
100
30
20
10
7
5
3
2
200
70
50
100
30
20
10
7
5
3
200
Cib
Cob
Cob
MJ15001
MJ15002
MJ15001
MJ15002
VCE = 2 Vdc
TJ = 100°C
25
°C
VBE @ VCE = 2 Vdc
TJ = 25°C
100
°C
VCE(sat) @ IC/IB = 10
TJ = 100°C
25
°C
TYPICAL CHARACTERISTICS


Similar Part No. - MJ15001_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15001G ONSEMI-MJ15001G Datasheet
71Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 4
MJ15001 ONSEMI-MJ15001_05 Datasheet
71Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 4
More results

Similar Description - MJ15001_13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H_06 Datasheet
68Kb / 5P
   Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
STMicroelectronics
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com