Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUB323ZG Datasheet(PDF) 5 Page - ON Semiconductor

Part # BUB323ZG
Description  NPN Silicon Power Darlington
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUB323ZG Datasheet(HTML) 5 Page - ON Semiconductor

  BUB323ZG Datasheet HTML 1Page - ON Semiconductor BUB323ZG Datasheet HTML 2Page - ON Semiconductor BUB323ZG Datasheet HTML 3Page - ON Semiconductor BUB323ZG Datasheet HTML 4Page - ON Semiconductor BUB323ZG Datasheet HTML 5Page - ON Semiconductor BUB323ZG Datasheet HTML 6Page - ON Semiconductor BUB323ZG Datasheet HTML 7Page - ON Semiconductor BUB323ZG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BUB323Z
http://onsemi.com
5
Figure 5. DC Current Gain
IC, COLLECTOR CURRENT (MILLIAMPS)
10000
1000
100
10
100
1000
10000
TJ = 125°C
25
°C
-40
°C
VCE = 1.5 V
Figure 6. DC Current Gain
IC, COLLECTOR CURRENT (MILLIAMPS)
100000
1000
100
10
100
1000
10000
TYPICAL
VCE = 5 V, TJ = 25°C
10000
TYP + 6
Σ
TYP - 6
Σ
Figure 7. Collector Saturation Region
IB, BASE CURRENT (MILLIAMPS)
100
10
1
0
2.5
4.0
5.0
TJ = 25°C
IC = 3 A
4.5
2.0
3.5
3.0
1.0
0.5
1.5
5 A
7 A
8 A
10 A
Figure 8. Collector−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.4
1.4
2.0
2.4
2.2
1.2
1.8
1.6
0.8
0.6
1.0
TJ = 125°C
25
°C
IC/IB = 150
Figure 9. Base−Emitter Saturation Voltage
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.8
1.8
2.0
1.4
1.6
1.2
1.0
Figure 10. Base−Emitter “ON” Voltages
IC, COLLECTOR CURRENT (AMPS)
10
1
0.1
0.6
1.4
1.8
2.0
1.2
1.6
0.8
1.0
IC/IB = 150
TJ = 25°C
125
°C
VCE = 2 VOLTS
TJ = 25°C
125
°C


Similar Part No. - BUB323ZG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUB323ZG ONSEMI-BUB323ZG Datasheet
90Kb / 8P
   NPN Silicon Power Darlington High Voltage Autoprotected D2PAK for Surface Mount
August, 2005 ??Rev. 1
More results

Similar Description - BUB323ZG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUB323 ONSEMI-BUB323 Datasheet
118Kb / 12P
   NPN Silicon Power Darlington
September, 2001 ??Rev. 0
BU323Z ONSEMI-BU323Z_09 Datasheet
178Kb / 6P
   NPN Silicon Power Darlington
October, 2009 ??Rev. 14
BU323Z ONSEMI-BU323Z_12 Datasheet
132Kb / 8P
   NPN Silicon Power Darlington
May, 2012 ??Rev. 16
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com