Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW68GL Datasheet(PDF) 2 Page - ON Semiconductor

Part # BCW68GL
Description  General Purpose Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW68GL Datasheet(HTML) 2 Page - ON Semiconductor

  BCW68GL_16 Datasheet HTML 1Page - ON Semiconductor BCW68GL_16 Datasheet HTML 2Page - ON Semiconductor BCW68GL_16 Datasheet HTML 3Page - ON Semiconductor BCW68GL_16 Datasheet HTML 4Page - ON Semiconductor BCW68GL_16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BCW68GL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−45
Vdc
Collector−Emitter Breakdown Voltage
(IC = −10 mAdc, VEB = 0)
V(BR)CES
−60
Vdc
Emitter−Base Breakdown Voltage
(IE = −10 mAdc, IC = 0)
V(BR)EBO
−5.0
Vdc
Collector Cutoff Current
(VCE= −45 Vdc, IE = 0)
(VCE= −45 Vdc, IB = 0, TA = 150°C)
ICES
−20
−10
nAdc
mAdc
Emitter Cutoff Current (VEB = −4.0 Vdc, IC = 0)
IEBO
−20
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mAdc, VCE = −1.0 Vdc)
(IC = −100 mAdc, VCE = −1.0 Vdc)
(IC = −300 mAdc, VCE = −1.0 Vdc)
hFE
120
160
60
400
Collector−Emitter Saturation Voltage
(IC = −500 mAdc, IB = −50 mAdc)
VCE(sat)
−0.7
Vdc
Base−Emitter Saturation Voltage
(IC = −500 mAdc, IB = −50 mAdc)
VBE(sat)
−2.0
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −20 mAdc, VCE = −10 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB= −10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
18
pF
Input Capacitance
(VEB= −0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
105
pF
Noise Figure
(IC= −0.2 mAdc, VCE = −5.0 Vdc, RS = 1.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - BCW68GL_16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
logo
Leshan Radio Company
BCW68GLT1 LRC-BCW68GLT1 Datasheet
52Kb / 2P
   General Purpose Transistors(PNP Silicon)
logo
WILLAS ELECTRONIC CORP
BCW68GLT1 WILLAS-BCW68GLT1 Datasheet
297Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
68Kb / 5P
   General Purpose Transistor
March, 2015 ??Rev. 7
More results

Similar Description - BCW68GL_16

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com