Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF-34143-BLK Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # ATF-34143-BLK
Description  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-34143-BLK Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button ATF-34143-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-34143-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-34143-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) ATF-34143-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) ATF-34143-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) ATF-34143-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard) ATF-34143-BLK Datasheet HTML 13Page - Agilent(Hewlett-Packard) ATF-34143-BLK Datasheet HTML 14Page - Agilent(Hewlett-Packard) ATF-34143-BLK Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Noise Parameter
Applications Information
Fmin values at 2 GHz and higher
are based on measurements while
the Fmins below 2 GHz have been
extrapolated. The Fmin values are
based on a set of 16 noise figure
measurements made at 16
different impedances using an
ATN NP5 test system. From these
measurements, a true Fmin is
calculated. Fmin represents the
true minimum noise figure of the
device when the device is pre-
sented with an impedance
matching network that trans-
forms the source impedance,
typically 50
Ω, to an impedance
represented by the reflection
coefficient
Γ
o. The designer must
design a matching network that
will present
Γ
o to the device with
minimal associated circuit losses.
The noise figure of the completed
amplifier is equal to the noise
figure of the device plus the
losses of the matching network
preceding the device. The noise
figure of the device is equal to
Fmin only when the device is
presented with
Γ
o. If the reflec-
tion coefficient of the matching
network is other than
Γ
o, then the
noise figure of the device will be
greater than Fmin based on the
following equation.
NF = Fmin + 4 Rn
|
Γ
s – Γo |
2
Zo
(|1 +
Γ
o|
2)(1 –
Γ
s|
2)
Where Rn/Zo is the normalized
noise resistance,
Γ
o is the opti-
mum reflection coefficient
required to produce Fmin and Γs is
the reflection coefficient of the
source impedance actually
presented to the device. The
losses of the matching networks
are non-zero and they will also
add to the noise figure of the
device creating a higher amplifier
noise figure. The losses of the
matching networks are related to
the Q of the components and
associated printed circuit board
loss.
Γ
o is typically fairly low at
higher frequencies and increases
as frequency is lowered. Larger
gate width devices will typically
have a lower
Γ
o as compared to
narrower gate width devices.
Typically for FETs, the higher
Γ
o
usually infers that an impedance
much higher than 50
Ω is required
for the device to produce Fmin. At
VHF frequencies and even lower
L Band frequencies, the required
impedance can be in the vicinity
of several thousand ohms.
Matching to such a high imped-
ance requires very hi-Q compo-
nents in order to minimize circuit
losses. As an example at 900 MHz,
when airwwound coils (Q > 100)
are used for matching networks,
the loss can still be up to 0.25 dB
which will add directly to the
noise figure of the device. Using
muiltilayer molded inductors with
Qs in the 30 to 50 range results in
additional loss over the airwound
coil. Losses as high as 0.5 dB or
greater add to the typical 0.15 dB
Fmin of the device creating an
amplifier noise figure of nearly
0.65 dB. A discussion concerning
calculated and measured circuit
losses and their effect on ampli-
fier noise figure is covered in
Agilent Application 1085.
88759/05-3.PM6.5J
2001.04.26, 9:15 AM
Page 11
Adobe PageMaker 6.5J/PPC


Similar Part No. - ATF-34143-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-34143-BLK HP-ATF-34143-BLK Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143-BLKG AVAGO-ATF-34143-BLKG Datasheet
143Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143-BLKG AVAGO-ATF-34143-BLKG Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results

Similar Description - ATF-34143-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF33143 HP-ATF33143 Datasheet
149Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143 HP-ATF-34143 Datasheet
119Kb / 15P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143 AVAGO-ATF-33143_15 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-34143-TR1G AVAGO-ATF-34143-TR1G Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-34143 BOARDCOM-ATF-34143 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Agilent(Hewlett-Packard...
ATF-35143 HP-ATF-35143 Datasheet
127Kb / 19P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-34143 AVAGO-ATF-34143_15 Datasheet
138Kb / 14P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
Broadcom Corporation.
ATF-35143 BOARDCOM-ATF-35143 Datasheet
521Kb / 18P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
ATF-33143 BOARDCOM-ATF-33143 Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
logo
AVAGO TECHNOLOGIES LIMI...
ATF-33143-BLKG AVAGO-ATF-33143-BLKG Datasheet
407Kb / 17P
   Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com