Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEST2G-080-25 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MEST2G-080-25
Description  Pin Diode Switch Element
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MEST2G-080-25 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MEST2G-080-25 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MEST2G-080-25 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MEST2G-080-25 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MEST2G-080-25 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pin Diode Switch Element
Rev. V1
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
MEST2G-080-25
Absolute Maximum Ratings1,2
Parameter
Absolute Maximum
Breakdown Voltage (VR)
500 V
Forward Current (IF)
200 mA
Theta (θJC)
10°C/W
Junction Temperature (TJ)
-40°C to +175°C
Storage Temperature (TSTG)
-55°C to +150°C
Mounting Temperature (TMTG)
+260°C per
JEDEC STD-J-20C
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. MACOM does not recommend sustained operation near these
survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These
electronic
devices
are
sensitive
to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these Class 0 (HBM)
devices.
Insertion Loss
Isolation
Input Return Loss
Output Return Loss
Typical Performance Curves: TA = 25°C, -10 dBm Small Signal


Similar Part No. - MEST2G-080-25

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MEST2G-010-20 MA-COM-MEST2G-010-20 Datasheet
815Kb / 6P
   Pin Diode Switch Element
MEST2G-020-15 MA-COM-MEST2G-020-15 Datasheet
835Kb / 5P
   Pin Diode Switch Element
MEST2G-025-10-CM32 MA-COM-MEST2G-025-10-CM32 Datasheet
871Kb / 5P
   Pin Diode Switch Element
MEST2G-050-45 MA-COM-MEST2G-050-45 Datasheet
904Kb / 5P
   Pin Diode Switch Element
MEST2G-050-80 MA-COM-MEST2G-050-80 Datasheet
900Kb / 5P
   Pin Diode Switch Element
More results

Similar Description - MEST2G-080-25

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MEST2G-150-10-CM30 MA-COM-MEST2G-150-10-CM30 Datasheet
850Kb / 5P
   Pin Diode Switch Element
MEST2G-150-10-CM32 MA-COM-MEST2G-150-10-CM32 Datasheet
847Kb / 5P
   Pin Diode Switch Element
MEST2G-020-15 MA-COM-MEST2G-020-15 Datasheet
835Kb / 5P
   Pin Diode Switch Element
MEST2G-050-45 MA-COM-MEST2G-050-45 Datasheet
904Kb / 5P
   Pin Diode Switch Element
MEST2G-160-10-CM33 MA-COM-MEST2G-160-10-CM33 Datasheet
958Kb / 7P
   Pin Diode Switch Element
MEST2GFC-010-25 MA-COM-MEST2GFC-010-25 Datasheet
735Kb / 4P
   Pin Diode Switch Element
MEST2G-050-80 MA-COM-MEST2G-050-80 Datasheet
900Kb / 5P
   Pin Diode Switch Element
MEST2G-010-20 MA-COM-MEST2G-010-20 Datasheet
815Kb / 6P
   Pin Diode Switch Element
MEST2G-025-10-CM32 MA-COM-MEST2G-025-10-CM32 Datasheet
871Kb / 5P
   Pin Diode Switch Element
MEST2G-100-20-CM33 MA-COM-MEST2G-100-20-CM33 Datasheet
954Kb / 7P
   Pin Diode Switch Element
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com