Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHV507-19-1-W Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MHV507-19-1-W
Description  Silicon Hyperabrupt Varactor Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MHV507-19-1-W Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MHV507-19-1-W Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MHV507-19-1-W Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MHV507-19-1-W Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MHV507-19-1-W Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Silicon Hyperabrupt Varactor Diode
Rev. V1
MHV507-19-1
Environmental Capabilities
The MHV507-19-1 silicon hyperabrupt junction
varactor diode is durable and capable of reliably
operating in military, commercial, and industrial
environments. The device is compatible with
pick-and-place assembly and is available in tape
and reel. The MHV507-19-1 silicon hyperabrupt
junction varactor diode is capable of meeting the
environmental requirements of MIL-STD-750.
ESD & Moisture Sensitivity Level Rating
As are all semiconductors, silicon hyperabrupt
tuning varactor diode are susceptible to damage
from
ESD
events.
Proper
ESD
prevention
procedures should be followed. The ESD rating for
this device is Class 0 (HBM). The moisture
sensitivity level (MSL) rating for this part is MSL 1.
Assembly Instructions
Diodes may be placed onto circuit boards with pick and place manufacturing equipment from tape-reel. The
devices are attached to the circuit using conventional solder re-flow or wave soldering procedures with RoHS type
or Sn 60 / Pb 40 type solders.
Table 1. Time-Temperature Profile for Sn60/Pb40 or RoHS Type Solders
Profile Feature
SnPb Solder Assembly
Pb-Free Solder Assembly
Average Ramp-Up Rate (TL to TP)
3°C /second maximum
3°C /second maximum
Preheat:
-Temperature Min (TSMIN)
-Temperature Max (TSMAX)
-Time (min to max)(tS)
100°C
150°C
60 - 120 s
150°C
200°C
60 - 180 s
TSMAX to TL
- Ramp-Up Rate
3°C /s maximum
Time Maintained Above:
-Temperature (TL)
- Time (tL)
183°C
60 - 150 s
217°C
60 - 150 s
Peak temperature (TP)
225 +0/-5°C
260 +0/-5°C
Time Within 5°C of Actual
Peak Temperature (tP)
10 – 30 s
20 – 40 s
Ramp-Down Rate
6°C /s maximum
6°C /s maximum
Time 25°C to Peak Temperature
6 minutes maximum
8 minutes maximum
Figure 1. Solder Re-Flow Time-Temperature Profile


Similar Part No. - MHV507-19-1-W

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MHV5IC1810N FREESCALE-MHV5IC1810N Datasheet
1Mb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC1810N NXP-MHV5IC1810N Datasheet
1Mb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
logo
Freescale Semiconductor...
MHV5IC1810NR2 FREESCALE-MHV5IC1810NR2 Datasheet
411Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
MHV5IC1810NR2 NXP-MHV5IC1810NR2 Datasheet
1Mb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
logo
Freescale Semiconductor...
MHV5IC1810N FREESCALE-MHV5IC1810N_11 Datasheet
1Mb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
More results

Similar Description - MHV507-19-1-W

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-24 ASI-DKV6522-24 Datasheet
27Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6533C ASI-DKV6533C Datasheet
25Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6534B ASI-DKV6534B Datasheet
19Kb / 2P
   SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-12 ASI-DKV6522-12 Datasheet
27Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MAVR-0013XX MA-COM-MAVR-0013XX Datasheet
757Kb / 7P
   Silicon Hyperabrupt Varactor Diode
logo
Advanced Semiconductor
AHV9001 ASI-AHV9001 Datasheet
53Kb / 1P
   SILICON HYPERABRUPT VARACTOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com