Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33154 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MC33154
Description  SINGLE IGBT HIGH CURRENT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33154 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MC33154 Datasheet HTML 4Page - Motorola, Inc MC33154 Datasheet HTML 5Page - Motorola, Inc MC33154 Datasheet HTML 6Page - Motorola, Inc MC33154 Datasheet HTML 7Page - Motorola, Inc MC33154 Datasheet HTML 8Page - Motorola, Inc MC33154 Datasheet HTML 9Page - Motorola, Inc MC33154 Datasheet HTML 10Page - Motorola, Inc MC33154 Datasheet HTML 11Page - Motorola, Inc MC33154 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC33154
9
MOTOROLA ANALOG IC DEVICE DATA
An active high output, resistor, and small signal diode
provide an excellent LED driver. This circuit is shown in
Figure 28.
Figure 28. Output Fault Optoisolator
Short Circuit
Latch Output
7
VEE
VCC
VEE
Q
UNDER VOLTAGE LOCK OUT
It is desirable to protect an IGBT from insufficient gate
voltage. IGBTs require 15 V on the gate to guarantee device
saturation. At gate voltages below 13 V, the “on” state voltage
increases dramatically, especially at higher currents. At very
lower gate voltages, below 10 V, the IGBT may operate in the
linear region and quickly overheat. Many PWM motor drives
use a bootstrap supply for the upper gate drive. The UVLO
provides protection for the IGBT in case the bootstrap
capacitor discharges.
The MC33154 will typically start up at about 12 V. The
UVLO circuit has about 1.0 volt of hysteresis. The UVLO will
disable the output if the supply voltage falls below about 11 V.
PROTECTION CIRCUITRY
Desaturation Protection
Bipolar Power circuits have commonly used what is known
as “Desaturation Detection”. This involves monitoring the
collector voltage and turning off the device if the collector
voltage rises above a certain limit. A bipolar transistor will
only conduct a certain amount of current for a given base
drive. When the base is overdriven the device is in saturation.
When the collector current rises above the knee, the device
pulls out of saturation.
The maximum current the device will conduct in the linear
region is a function of the base current and hfe of the
transistor.
The output characteristics of an IGBT are similar to a
Bipolar device. However the output current is a function of
gate voltage, not current. The maximum current depends on
the gate voltage and the device. IGBTs tend to have a very
high transconductance and a much higher current density
under a short circuit than a bipolar device.
Motor control IGBTs are designed for a lower current
density under shorted conditions and a longer short circuit
survival time.
The best method for detecting desaturation is the use of a
high voltage clamp diode and a comparator. The MC33154
has a desaturation comparator which senses the collector
voltage and provides an output indicating when the device is
not full saturated. Diode D1 is an external high voltage diode
with a rated voltage comparable to the power device. When
the IGBT is ON and saturated, diode D1 will pull down the
voltage on the desaturation input. When the IGBT is OFF or
pulls out of saturation, the current source will pull up the
voltage on the desaturation input. The voltage reference is
set to about 6.5 V. This will allow a maximum ON–voltage of
about 5.0 V.
Figure 29. Desaturation Detection Using a Diode
VCC
VEE
VCC
8
1.0 mA
6.5 V
Desaturation
Comparator
Kelvin
Gnd
D1
Kelvin
Gnd
A fault exists when the gate input is high and VCE of the
IGBT is greater than the maximum allowable VCE(sat).The
output of the desaturation comparator is ANDed with the gate
input signal and fed into the Short Circuit (SC) latch. The SC
latch will turn–off the IGBT for the remainder of the cycle
when a fault is detected. When the input is toggled low, the
latch will reset. The reference voltage is tied to the Kelvin
Ground instead of the VEE to make the threshold
independent of negative gate bias.
The MC33154 also features a programmable turn–on
blanking time. During turn–on the IGBT must clear the
opposing free wheeling diode. The collector voltage will
remain high until the diode is cleared. Once the diode has
been cleared the voltage will come down quickly to the
VCE(sat) of the device. Following turn–on there is normally
considerable ringing on the collector due to the Coss of the
IGBTs and the parasitic wiring inductance.
The error signal from the desaturation signal must be
blanked out sufficiently to allow the diode to be cleared and
the ringing to settle out.
The blanking function uses an NPN transistor to clamp the
comparator input when the gate input is low. When the input
is switched high, the clamp transistor will turn–off, and the
current source will charge up the blanking capacitor. The time
required for blanking capacitor to charge up from the
on–voltage of the clamp FET to the trip voltage of the
comparator is the blanking time.
If a short circuit occurs after the IGBT is turned on and
saturated, the delay time will be the time required for the
current source to charge up the blanking capacitor from the
VCE(sat) to the trip voltage of the comparator.
Sense IGBT Protection
Another approach to protecting the IGBTs is to sense the
emitter current using a current shunt or Sense IGBTs.
This method has the advantage of being able to use high
gain IGBTs which do not have any inherent short circuit
capability.
Current sense IGBTs work as well as current sense
MOSFETs in most circumstances. However, the basic
problem of working with very low sense voltages still exists.
Sense IGBTs sense current through the channel and are
therefore linear concerning collector current.
Because IGBTs have a very low incremental
on–resistance, sense IGBTs behave much like low–on
resistance current sense MOSFETs. The output voltage of a


Similar Part No. - MC33154

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33151 ONSEMI-MC33151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC33151 ONSEMI-MC33151 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151 ONSEMI-MC33151 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33151 ONSEMI-MC33151 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC33151D ONSEMI-MC33151D Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
More results

Similar Description - MC33154

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD5700 ONSEMI-NCD5700_17 Datasheet
333Kb / 18P
   High Current IGBT Gate Driver
June, 2017 ??Rev. 4
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
   High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCD5702 ONSEMI-NCD5702 Datasheet
424Kb / 18P
   High Current IGBT Gate Driver
April, 2018 ??Rev. 1
NCD5700 ONSEMI-NCD5700 Datasheet
456Kb / 18P
   High Current IGBT Gate Driver
August, 2016 ??Rev. 1
NCV5702 ONSEMI-NCV5702 Datasheet
677Kb / 18P
   High Current IGBT Gate Driver
August, 2019 ??Rev. 1
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com