Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33154D Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33154D
Description  SINGLE IGBT HIGH CURRENT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33154D Datasheet(HTML) 3 Page - Motorola, Inc

  MC33154D Datasheet HTML 1Page - Motorola, Inc MC33154D Datasheet HTML 2Page - Motorola, Inc MC33154D Datasheet HTML 3Page - Motorola, Inc MC33154D Datasheet HTML 4Page - Motorola, Inc MC33154D Datasheet HTML 5Page - Motorola, Inc MC33154D Datasheet HTML 6Page - Motorola, Inc MC33154D Datasheet HTML 7Page - Motorola, Inc MC33154D Datasheet HTML 8Page - Motorola, Inc MC33154D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC33154
3
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (continued) (VCC = 20 V, VEE = 0 V, Kelvin Gnd connected to VEE. For typical values
TA = 25°C, for min/max values TA is the operating ambient temperature range that applies [Note 1] unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
SWITCHING CHARACTERISTICS
Fault Blanking/Desaturation Input to Drive Output
tP(FLT)
0.4
1.0
UVLO
Start–up Voltage
VCC start
11.3
12
12.6
V
Disable Voltage
VCC dis
10.4
11
11.7
V
COMPARATORS
Over Current Trip Voltage (VPin8 > 7.0 V)
VSOC
50
65
80
mV
Short Current Trip Voltage (VPin8 > 7.0 V)
VSSC
100
130
160
mV
Desaturation Threshold (VPin1 > 100 mV)
Vth(FLT)
6.0
6.5
7.0
V
Sense Input Current (VSI = 0 V)
ISI
–1.4
–10
mA
FAULT BLANKING/DESATURATION INPUT
Current Source (VPin8 = 0 V, VPin4 ≥ 10.5 V)
Ichg
0.8
1.0
1.2
mA
Discharge Current (VPin8 = 15 V, VPin4 = 0 V)
Idschg
0.8
2.5
mA
TOTAL DEVICE
Power Supply Current
ICC
mA
Standby (VPin 4 = 0 V, Output Open)
9.0
14
Operating (CL = 15 nF, fin = 20 kHz)
15
25
NOTE:
1. Low duty cycle pulse techniques are used during test to maintain the junction temperature as close to ambient as possible.
Tlow = –40°C for MC33154
Thigh = +85°C for MC33154
4.0
20
0
200
Vin, INPUT VOLTAGE (V)
Figure 1. Input Current versus Logic Input Voltage
Vin, INPUT VOLTAGE (V)
Figure 2. Output Voltage versus Input Voltage
TA = 25°C
VCC = 20 V
TA = 25°C
VCC = 20 V
40
20
0
2.0
4.0
6.0
8.0
10
12
14
20
14
12
10
8.0
6.0
4.0
2.0
0
5.0
6.0
7.0
11
12
16
18
80
60
120
100
160
140
180
8.0
9.0
10
16
18


Similar Part No. - MC33154D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33151 ONSEMI-MC33151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC33151 ONSEMI-MC33151 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151 ONSEMI-MC33151 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33151 ONSEMI-MC33151 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC33151D ONSEMI-MC33151D Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
More results

Similar Description - MC33154D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD5700 ONSEMI-NCD5700_17 Datasheet
333Kb / 18P
   High Current IGBT Gate Driver
June, 2017 ??Rev. 4
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
   High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCD5702 ONSEMI-NCD5702 Datasheet
424Kb / 18P
   High Current IGBT Gate Driver
April, 2018 ??Rev. 1
NCD5700 ONSEMI-NCD5700 Datasheet
456Kb / 18P
   High Current IGBT Gate Driver
August, 2016 ??Rev. 1
NCV5702 ONSEMI-NCV5702 Datasheet
677Kb / 18P
   High Current IGBT Gate Driver
August, 2019 ??Rev. 1
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com