Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33154P Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC33154P
Description  SINGLE IGBT HIGH CURRENT GATE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33154P Datasheet(HTML) 5 Page - Motorola, Inc

  MC33154P Datasheet HTML 1Page - Motorola, Inc MC33154P Datasheet HTML 2Page - Motorola, Inc MC33154P Datasheet HTML 3Page - Motorola, Inc MC33154P Datasheet HTML 4Page - Motorola, Inc MC33154P Datasheet HTML 5Page - Motorola, Inc MC33154P Datasheet HTML 6Page - Motorola, Inc MC33154P Datasheet HTML 7Page - Motorola, Inc MC33154P Datasheet HTML 8Page - Motorola, Inc MC33154P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MC33154
5
MOTOROLA ANALOG IC DEVICE DATA
6.30
20
–60
160
100
14
0
0.2
–60
80
50
20
VBD, BLANKING/DESATURATION INPUT (V)
TA, AMBIENT TEMPERATURE (°C)
VS, CURRENT SENSE INPUT VOLTAGE (mV)
VS, CURRENT SENSE INPUT (V)
TA, AMBIENT TEMPERATURE (°C)
Figure 9. Drive Output Voltage
versus Current Sense Input Voltage
VS, CURRENT SENSE INPUT VOLTAGE (mV)
Figure 10. Fault Output Voltage
versus Current Sense Input Voltage
Figure 11. Overcurrent Threshold Voltage
versus Temperature
Figure 12. Short Circuit Threshold Voltage
versus Temperature
Figure 13. Sense Input Current versus
Sense Voltage
Figure 14. Output Voltage versus
Blanking/Desaturation Voltage
14
12
10
8.0
6.0
4.0
2.0
0
55
60
65
70
75
80
12
10
8.0
6.0
4.0
2.0
0
105
110
115
120
125
140
75
65
60
55
50
–40
–20
0
20
40
60
80
100
120
140
140
130
120
110
100
–40
–20
0
140
–0.4
–1.2
2.0
4.0
6.0
8.0
10
12
14
16
6.35
6.50
6.60
6.70
10
0
16
18
130
135
20
16
18
20
40
60
80
100
120
150
6.40
6.45
6.65
6.55
2.0
4.0
6.0
8.0
12
14
16
18
–1.0
–0.8
–0.6
0
–0.2
70
TA = 25°C
VCC = 20 V
TA = 25°C
VCC = 20 V
TA = 25°C
TA = 25°C
VCC = 20 V


Similar Part No. - MC33154P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33151 ONSEMI-MC33151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC33151 ONSEMI-MC33151 Datasheet
177Kb / 12P
   High Speed Dual MOSFET Drivers
July, 2004 ??Rev. 4
MC33151 ONSEMI-MC33151 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33151 ONSEMI-MC33151 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC33151D ONSEMI-MC33151D Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
More results

Similar Description - MC33154P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD5700 ONSEMI-NCD5700_17 Datasheet
333Kb / 18P
   High Current IGBT Gate Driver
June, 2017 ??Rev. 4
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
   High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCD5702 ONSEMI-NCD5702 Datasheet
424Kb / 18P
   High Current IGBT Gate Driver
April, 2018 ??Rev. 1
NCD5700 ONSEMI-NCD5700 Datasheet
456Kb / 18P
   High Current IGBT Gate Driver
August, 2016 ??Rev. 1
NCV5702 ONSEMI-NCV5702 Datasheet
677Kb / 18P
   High Current IGBT Gate Driver
August, 2019 ??Rev. 1
NCD57000 ONSEMI-NCD57000_V01 Datasheet
520Kb / 22P
   Isolated High Current IGBT Gate Driver
June, 2022 - Rev. 4
NCV57000 ONSEMI-NCV57000 Datasheet
230Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F_V01 Datasheet
547Kb / 19P
   Isolated High Current IGBT Gate Driver
August, 2021 - Rev. 2
NCV57001 ONSEMI-NCV57001 Datasheet
229Kb / 14P
   Isolated High Current IGBT Gate Driver
March, 2019 ??Rev. 0
NCV57001F ONSEMI-NCV57001F Datasheet
286Kb / 11P
   Isolated High Current IGBT Gate Driver
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com