Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4840MH Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4840MH
Description  Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4840MH Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4840MH Datasheet HTML 2Page - National Semiconductor (TI) LM4840MH Datasheet HTML 3Page - National Semiconductor (TI) LM4840MH Datasheet HTML 4Page - National Semiconductor (TI) LM4840MH Datasheet HTML 5Page - National Semiconductor (TI) LM4840MH Datasheet HTML 6Page - National Semiconductor (TI) LM4840MH Datasheet HTML 7Page - National Semiconductor (TI) LM4840MH Datasheet HTML 8Page - National Semiconductor (TI) LM4840MH Datasheet HTML 9Page - National Semiconductor (TI) LM4840MH Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Frequency
DS200104-15
THD+N vs Frequency
DS200104-16
THD+N vs Frequency
DS200104-17
THD+N vs Frequency
DS200104-18
THD+N vs Frequency
DS200104-19
THD+N vs Frequency
DS200104-20
THD+N vs Frequency
DS200104-21
THD+N vs Frequency
DS200104-22
THD+N vs Output Power
DS200104-24
www.national.com
6


Similar Part No. - LM4840MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4841 NSC-LM4841 Datasheet
1Mb / 31P
   Stereo 2W Amplifiers with DC Volume Control, Transient Free Outputs, and Cap-less Headphone Drive
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
[Old version datasheet]   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
National Semiconductor ...
LM48410SQ NSC-LM48410SQ Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Texas Instruments
LM48410SQ/NOPB TI1-LM48410SQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
More results

Similar Description - LM4840MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
logo
Texas Instruments
LM4836 TI-LM4836_15 Datasheet
2Mb / 39P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
logo
National Semiconductor ...
LM4839 NSC-LM4839 Datasheet
1Mb / 34P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4836 NSC-LM4836 Datasheet
658Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control, Bass Boost, and Input Mux
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
   Stereo 2W Audio Power Amplifiers with DC Volume Control
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
[Old version datasheet]   Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
National Semiconductor ...
LM4936 NSC-LM4936 Datasheet
1Mb / 28P
   Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com