Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73B3ATTD390J Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # RK73B3ATTD390J
Description  PIN Diode Shunt Switch Element
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

RK73B3ATTD390J Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  RK73B3ATTD390J Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. RK73B3ATTD390J Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. RK73B3ATTD390J Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. RK73B3ATTD390J Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. RK73B3ATTD390J Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. RK73B3ATTD390J Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PIN Diode Shunt Switch Element
Rev. V1
MSWSH-100-30
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Supports up to 100 W when hot switched
 Supports up to 300 W when cold switched
 Low Insertion Loss: 0.15 dB up to 2.7 GHz
 High Isolation: 31 dB up to 2.7 GHz
 RoHS* Compliant
Description
A broadband, high linearity, high power shunt switch
element in a 10 x 4 mm bolt channel metal package.
This device is designed for WiMax, Wibro, WLAN,
TD-SCDMA
and
other
wireless
infrastructure
applications. It is also suited for 0.1 ~ 6 GHz
applications with up to 100 watts of power.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
Electrical Specifications: TA = +25°C
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Breakdown Voltage (VB)
IR = 10 µA
V
700
Forward Voltage (VF)
IF = 100 mA
mV
850
Junction Capacitance (CJ)
VR = -50 V, 1 MHz
pF
0.4
Series Resistance (RS)
IF = 100 mA, 500 MHz
Ω
0.4
0.6
I-Region (W)
I-Layer
µm
80
Insertion Loss (IL)
VR = 50 V
2.3 ~ 2.7 GHz
<6.0 GHz
dB
0.15
0.35
0.25
0.45
Isolation (ISO)
IF = 100 mA
2.3 ~ 2.7 GHz
6.0 GHz
dB
28
23
31
26
Input Return Loss (RL)
VR = 50 V
2.3 ~ 2.7 GHz
6.0 GHz
dB
15
10
22
15
Minority Carrier Lifetime (TL)
IF = 10 mA, IR = 6 mA, @ 50%
ns
3400
Absolute Maximum Ratings
Parameter
Absolute Maximum
Peak Current
1 A
Thermal Resistance
5°C/W
Junction Temperature
+175°C
Storage Temperature
-65°C to +150°C
Solder Temperature
+230°C for 30 seconds


Similar Part No. - RK73B3ATTD390J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73B3ATTD102G KOA-RK73B3ATTD102G Datasheet
385Kb / 2P
   general purpose 2%, 5% tolerance
RK73B3ATTD102J KOA-RK73B3ATTD102J Datasheet
385Kb / 2P
   general purpose 2%, 5% tolerance
RK73B3ATTDD102G KOA-RK73B3ATTDD102G Datasheet
385Kb / 2P
   general purpose 2%, 5% tolerance
RK73B3ATTDD102J KOA-RK73B3ATTDD102J Datasheet
385Kb / 2P
   general purpose 2%, 5% tolerance
More results

Similar Description - RK73B3ATTD390J

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MSWSS-020-40 MA-COM-MSWSS-020-40 Datasheet
697Kb / 5P
   PIN Diode Shunt Switch Element
MSWSSB-020-30 MA-COM-MSWSSB-020-30 Datasheet
651Kb / 5P
   PIN Diode Shunt Switch Element
MSWSHC-040-40 MA-COM-MSWSHC-040-40 Datasheet
655Kb / 4P
   PIN Diode Shunt Switch Element
MSWSH-020-24 MA-COM-MSWSH-020-24 Datasheet
628Kb / 5P
   PIN Diode Shunt Switch Element
MSWSH-020-30 MA-COM-MSWSH-020-30 Datasheet
689Kb / 5P
   PIN Diode Shunt Switch Element
MSWSH-040-30 MA-COM-MSWSH-040-30 Datasheet
677Kb / 4P
   PIN Diode Shunt Switch Element
MSWSHB-020-30 MA-COM-MSWSHB-020-30 Datasheet
611Kb / 4P
   PIN Diode Shunt Switch Element
MSWSS-040-30 MA-COM-MSWSS-040-30 Datasheet
851Kb / 6P
   PIN Diode Shunt Switch Element
MEST2G-150-10-CM30 MA-COM-MEST2G-150-10-CM30 Datasheet
850Kb / 5P
   Pin Diode Switch Element
MEST2G-150-10-CM32 MA-COM-MEST2G-150-10-CM32 Datasheet
847Kb / 5P
   Pin Diode Switch Element
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com