Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCP-3K1UI-48-C Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # RCP-3K1UI-48-C
Description  UNIVERSAL AC INPUT / FULL RANGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RCP-3K1UI-48-C Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  RCP-3K1UI-48-C Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-48-C Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-48-C Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-48-C Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-48-C Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RCP-3K1UI-48-C Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ADDRESS
RCP-1UT
RCP-1UI
SWITCH
LA
LB
LC
NA
NB
NC
10
8
CN500
Mounting Bracket
Fig1
CN500
1
14
13
25
Air flow
direction
A
B
C
+
+
-
-
1
1
14
14
13
13
25
25
22
22
DC OK
DC OK
DC OK
AC OK
AC OK
AC OK
10.6
466.2
Module C
Module B
Module A
483.6
440
ADDRESS
SWITCH
Mechanical Specification (Rack System)
Case No. 959A
Unit:mm
File Name:RCP-1U Rack System-SPEC 2016-07-26
1000 ~ 3000W 1U Distributed Power System
RCP-1U Rack System
Mounting Instruction
Hole No.
Recommended Screw Size
MAX. Penetration Depth L
Recommended mounting torque
1
6mm
M5
10Kgf-cm
Mounting Screw
Mounting Surface
Chassis of RCP-1U RACK
L
1
1
1
1
1
1


Similar Part No. - RCP-3K1UI-48-C

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-3K1U-12 MEANWELL-RCP-3K1U-12 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RCP-3K1U-24 MEANWELL-RCP-3K1U-24 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
RCP-3K1U-48 MEANWELL-RCP-3K1U-48 Datasheet
669Kb / 8P
   1000 ~ 3000W Front End Power System
More results

Similar Description - RCP-3K1UI-48-C

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com