Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHP-8K1UI-12 Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # RHP-8K1UI-12
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RHP-8K1UI-12 Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  RHP-8K1UI-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RHP-8K1UI-12 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
File Name:RHP-1U RACK SYSTEM-SPEC 2016-
07-26
RHP-1U Rack System
1600~8000
W 1U Distributed Power/Charger System
4. Remote ON-OFF Control
The PSU can be turned ON/OFF together or separately by using the "Remote ON/OFF" function.
Between ON/OFF and +5V-AUX
SW Open
SW Short
Output
OFF
ON
+5V-AUX
+5V-AUX
ON/OFF A
CN1
CN1 ON/OFF A
ON/OFF B
ON/OFF B
ON/OFF C
ON/OFF D
ON/OFF D
ON/OFF E
ON/OFF E
ON/OFF C
RHP-1U System
RHP-1U System
33
77
11
15
19
11
15
19
21
21
5.PMBus Communication Interface
RCP-1600/RCB-1600 supports PMBus Rev. 1.1 with maximum 100KHz bus speed, allowing information reading, status monitoring, output trimming, etc.
For details, please refer to the Function Manual.
+S & +V, -S & -V also need to be connected on CN1. (Only for power supply system)
+V
-S
CN2 +S
-V
RHP-1U System
LOAD
PC
CN1 -V Signal
EXTERNAL
VOLTAGE
25
24
1
2
3. Output Current Programming (or, PC / remote current programming / dynamic current trim)
※ The output current can be trimmed to 20~100% of the rated current by applying EXTERNAL VOLTAGE.
Iout
V
0.4 1
4.7 5
20
100
EXTERNAL VOLTAGE (VDC)
Non-Linear
110
Iout
V
0.4
4.7
20
100
EXTERNAL VOLTAGE (VDC)
Non-Linear
5
1
For power supply system
For charger system


Similar Part No. - RHP-8K1UI-12

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
RHP-100A-100FNR AAC-RHP-100A-100FNR Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FNT AAC-RHP-100A-100FNT Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FYR AAC-RHP-100A-100FYR Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FYT AAC-RHP-100A-100FYT Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
RHP-100A-100FZR AAC-RHP-100A-100FZR Datasheet
301Kb / 8P
   HIGH POWER RESISTOR - 20W to 140W
More results

Similar Description - RHP-8K1UI-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com