Electronic Components Datasheet Search |
|
RHP-8K1UI-48 Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd. |
|
RHP-8K1UI-48 Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd. |
7 / 8 page ※ Connector Pin No. Assignment( ) : HRS DF11-04D-2DS CN2 ※ LED Status Indicators & Corresponding Signal at Function Pins ◎ For power supply system ◎ For charger system ※ Connector Pin No. Assignment( ) : HRS DF11-26D-2DS CN1 1,5,9,13,17 AC-OK Description Pin No. Function 2,6,10,14,18 DC-OK The unit can turn the output ON/OFF by electrical signal or dry contact between Remote ON-OFF and +5V-AUX. (Note.2) Short (4.5 ~ 5.5V) : Power ON ; Open (0 ~ 0.5V) : Power OFF ; The maximum input voltage is 5.5V. 3,7,11,15,19 Remote ON-OFF 4,8,12,16,20 T-ALARM Auxiliary voltage output, 4.5~5.5V, referenced to GND-AUX (pin 22). The maximum load current is 0.3A. This output has the built-in "Oring diodes" and is not controlled by the remote ON/OFF control. 21 +5V-AUX Auxiliary voltage output GND. The signal return is isolated from the output terminals (+V & -V). Auxiliary voltage output, 10.8~13.2V, referenced to GND-AUX (pin 22). The maximum load current is 0.8A. This output has the built-in "Oring diodes" and is not controlled by the remote ON/OFF control. 22 23 GND-AUX +12V-AUX High (4.5 ~ 5.5V) : When the internal temperature exceeds the limit of temperature alarm, or when fan fails. Low (0 ~ 0.5V) : When the internal temperature is normal, and when fan normally works. The maximum sourcing current is 10mA and only for output(Note.2) Positive sensing. The +S signal should be connected to the positive terminal of the load. The +S and -S leads should be Negative sensing. The -S signal should be connected to the negative terminal of the load. The -S and +S leads should be twisted in pair to minimize noise pick-up effect. The maximum line drop compensation is 0.5V. twisted in pair to minimize noise pick-up effect. The maximum line drop compensation is 0.5V. 3 4 24 1 ◎ For power supply system 2 +V(Signal) -V(Signal) -V(Signal) +S -S Positive output voltage. For local sense use only, can't be connected directly to the load. Negative output voltage. For local sense use only, can't be connected directly to the load. Negative output voltage. For local sense use only; It can't be connected directly to the load. Mating Housing Mating Housing Terminal Terminal HRS DF11-26DS or equivalent HRS DF11-4DS or equivalent HRS DF11-**SC or equivalent HRS DF11-**SC or equivalent Connection for output voltage programming. The voltage can be trimmed within its defined range. (Note.1) 26 25 PV Connection for output current programming. The current can be trimmed within its defined range. (Note.1) PC LED Green Orange Red Float (stage 3) Charging (stage 1 or stage 2) Description The LED will present a constant red light when the abnormal status (OTP, OLP, fan fail and charging timeout) arises. LED Green Red The power supply functions normally. Description The maximum sourcing current is 10mA and only for output. (Note.2) Low (0 ~ 0.5V) : When the input voltage is 75Vrms. ≦ High (4.5 ~ 5.5V) : When the input voltage is 87Vrms . ≧ File Name:RHP-1U RACK SYSTEM-SPEC 2016- 07-26 RHP-1U Rack System 1600~8000 W 1U Distributed Power/Charger System 3,4 ◎ For charger system NC Not use. Temperature sense associated with the temperature compensation funcion. 1RTH+ 2RTH- Low (0 ~ 0.5V) : When Vout 80% 5%. ≧± The maximum sourcing current is 10mA and only for output. (Note.2) High (4.5 ~ 5.5V) : When the Vout 80% 5%. ≦ ± For power supply system Low (0 ~ 0.5V) : When Vout 8V/16V/32V . The maximum sourcing current is 10mA and only for output. (Note.2) ≧ ±1V DC OK is associated with battery low protection. High (4.5 ~ 5.5V) : When the Vout 8V/16V/32V . ≦ ±1V For charger system 2 2 26 4 25 3 1 1 Note.1: Non-isolated signal, referenced to [-V(signal)]. Note.2: Isolated signal, referenced to GND-AUX. Red (Flashing) Red (Flashing) The LED will present a constant red light when the abnormal status (OTP, OLP, fan fail and charging timeout) arises. The LED will flash with the red light when the internal temperature reaches 60 ; under this condition, the unit still operates normally ℃ The LED will flash with the red light when the internal temperature reaches 60 ; under this condition, the unit still operates normally ℃ without entering OTP. In the meantime, an alarm signal will be sent out through the PMBus interface.) ( without entering OTP. In the meantime, an alarm signal will be sent out through the PMBus interface.) ( |
Similar Part No. - RHP-8K1UI-48 |
|
Similar Description - RHP-8K1UI-48 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |