Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHB-8K1UI-12 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # RHB-8K1UI-12
Description  UNIVERSAL AC INPUT/FULL RANGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

RHB-8K1UI-12 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  RHB-8K1UI-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. RHB-8K1UI-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. RHB-8K1UI-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. RHB-8K1UI-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. RHB-8K1UI-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. RHB-8K1UI-12 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. RHB-8K1UI-12 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. RHB-8K1UI-12 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPECIFICATION - Power Supply System
File Name:RHP-1U RACK SYSTEM-SPEC 2016-
07-26
NOTE
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. Under parallel
operation of more than one rack connecting together, ripple of the output voltage may be higher than the SPEC at light load condition. It will go back to
normal ripple level once the output load is more than 5%.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. All the EMC tests are been executed by mounting the unit on
a
mm*
mm metal plate with 1mm of thickness. The final equipment must be re-confirmed that it still meets EMC directives.
720
360
For guidance on how
to perform these EMC tests, please refer to “EMI testing of component power supplies.” (as available on http://www.meanwell.com)
5. Output of all the RCP-1600 modules are connected in parallel in the rack.
6. Derating may be needed under low input voltages. Please check the static characteristics for more details.
7. Because of component tolerance, there is a possibility that some of units connected in parallel will reach an overcurrent limit then overloading the other
units when operating at full load condition. If overload conditions happen in parallel usage, it is suggested that derate the total output current by 10%.
8. The equivalent leakage current of the system is determined by the quantity of populated rectifiers.
RHP-8K1U
-12
RHP-8K1U
-24
RHP-8K1U
-48
MODEL
VOLTAGE RANGE
Note.6
RECTIFIER
OUTPUT VOLTAGE
RACK SHELF
MAX. OUTPUT CURRENT
MAX. OUTPUT POWER Note.5
FREQUENCY RANGE
AC CURRENT (Typ.) per RECTIFIER
INPUT
OUTPUT
LEAKAGE CURRENT
per RECTIFIER
90 ~ 264VAC
127 ~ 370VDC
7500W
8040W
625A
167.5A
12V
RHP-1UI-A or RHP-1UT-A
48V
RCP-1600-12
RCP-1600-24
RCP-1600-48
47 ~ 63Hz
<1.5mA / 230VAC
14A/115VAC
8A/230VAC
15A/115VAC
8.5A/230VAC
15A/115VAC
8.5A/230VAC
SAFETY STANDARDS
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
DIMENSION
PACKING
OTHERS
UL60950-1, TUV EN60950-1 approved
-30 ~ +70
(Refer to "Derating Curve")
20 ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
±℃
0.03%/
(0 ~ 50
)
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
Rack 365*440*44(L*W*H)
ENVIRONMENT
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:1.5KVAC
(0.5KVAC for 12V)
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25
/ 70% RH
5.5Kg
; 3pcs/17.5Kg/2.11CUFT
ALARM SIGNAL
REMOTE ON-OFF CONTROL
AUXILIARY POWER
Isolated TTL signal output for T-Alarm, AC-OK and DC-OK
By electrical signal or dry contact
ON:short
OFF:open
5V @ 0.3A, 12V @ 0.8A
FUNCTION
SAFETY &
EMC
(Note 4)
8040W
335A
24V
RHP-1U Rack System
1600~8000
W 1U Distributed Power/Charger System
REMOTE SENSE
Compensate voltage drop on the load wiring up to 0.5V
OUTPUT VOLTAGE PROGRAMMABLE(PV)
CONSTANT CURRENT LEVEL PROGRAMMABLE(PC)
Adjustment of output voltage is allowable to 40 ~ 125% of nominal output voltage. Please refer to the Function Manual.
Adjustment of constant current level is allowable to 20 ~ 100% of rated current. Please refer to the Function Manual.
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Voltage Dips and Interruptions
Conducted
Radiated
Harmonic Current
Voltage Flicker
Standard
Standard
EN55022 (CISPR22) / EN55011 (CISPR11)
EN55022 (CISPR22) / EN55011 (CISPR11)
EN61000-3-2
EN61000-3-3
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-6
EN61000-4-8
EN61000-4-11
Test Level / Note
Test Level / Note
Class B
Class A
Class A
-----
EMC IMMUNITY
EMC EMISSION
EN55024 , EN61204-3, EN61000-6-2
Level 3, 8KV air ; Level 2, 4KV contact
Level 3
Level 3
Level 4, 1KV/Line-Line 2KV/Line-Earth
Level 3
Level 4
>95% dip 0.5 periods, 30% dip 25 periods,
>95% interruptions 250 periods
Note.8


Similar Part No. - RHB-8K1UI-12

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RHB510APA ROITHNER-RHB510APA Datasheet
664Kb / 4P
   Blue Laser Diode
More results

Similar Description - RHB-8K1UI-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Mean Well Enterprises C...
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-120 MEANWELL-EDR-120 Datasheet
574Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
EDR-75 MEANWELL-EDR-75 Datasheet
556Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com