Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50RIA160S90M Datasheet(PDF) 3 Page - International Rectifier

Part # 50RIA160S90M
Description  MEDIUM POWER THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50RIA160S90M Datasheet(HTML) 3 Page - International Rectifier

  50RIA160S90M Datasheet HTML 1Page - International Rectifier 50RIA160S90M Datasheet HTML 2Page - International Rectifier 50RIA160S90M Datasheet HTML 3Page - International Rectifier 50RIA160S90M Datasheet HTML 4Page - International Rectifier 50RIA160S90M Datasheet HTML 5Page - International Rectifier 50RIA160S90M Datasheet HTML 6Page - International Rectifier 50RIA160S90M Datasheet HTML 7Page - International Rectifier 50RIA160S90M Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
50RIA Series
3
Bulletin I2401 rev. A 07/00
www.irf.com
dv/dt
Max. critical rate of rise of
200
TJ = TJ max. linear to 100% rated VDRM
off-state voltage
500 (*)
TJ = TJ max. linear to 67% rated VDRM
V/µs
Parameter
50RIA
Units Conditions
Blocking
P
GM
Maximum peak gate power
10
T
J = TJ max, t
p ≤ 5ms
P
G(AV)
Maximum average gate power
2.5
I
GM
Max. peak positive gate current
2.5
A
+V
GM
Maximum peak positive
gate voltage
-V
GM
Maximum peak negative
gate voltage
I
GT
DC gate current required
250
T
J = - 40°C
to trigger
100
mA
T
J =
25°C
50
T
J = 125°C
V
GT
DC gate voltage required
3.5
T
J = - 40°C
to trigger
2.5
V
T
J =
25°C
10
W
V
20
Max. required gate trigger
current/voltage are the
lowest value which will trigger
all units 6V anode-to-cathode
applied
V
GD
DC gate voltage not to trigger
0.2
V
T
J = TJ max
Max. gate current/ voltage not to
trigger is the max. value which
will not trigger any unit with rated
V
DRM anode-to-cathode applied
Parameter
50RIA
Units Conditions
T
J = TJ max
V
DRM = rated voltage
I
GD
DC gate current not to trigger
5.0
mA
Triggering
di/dt
Max. rate of rise of turned-on
T
C = 125°C, VDM = rated VDRM
current
VDRM ≤ 600V
200
A/µs
Gate pulse = 20V, 15
Ω, t
p = 6µs, tr = 0.1µs max.
VDRM ≤ 1600V
100
I
TM = (2x rated di/dt) A
td
Typical delay time
0.9
T
C = 25°C VDM = rated VDRM ITM = 10A dc resistive circuit
Gate pulse = 10V, 15
Ω source, t
p = 20µs
tq
Typical turn-off time
110
T
C = 125°C, ITM = 50A, reapplied dv/dt = 20V/µs
dir/dt = -10A/µs, V
R=50V
Parameter
50RIA
Units Conditions
Switching
µs
(*) Available with dv/dt = 1000V/µs, to complete code add S90 i.e. 50RIA160S90.


Similar Part No. - 50RIA160S90M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
More results

Similar Description - 50RIA160S90M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25RIA IRF-25RIA Datasheet
234Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
   Medium Power Thyristors
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
   Medium Power Thyristors
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
   MEDIUM POWER THYRISTORS
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
   MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS_17 Datasheet
277Kb / 6P
   Medium Power Thyristors
logo
International Rectifier
10RIA IRF-10RIA Datasheet
182Kb / 8P
   MEDIUM POWER THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com