Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2165Q Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS2165Q
Description  16/24/32kbps ADPCM Processor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2165Q Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS2165Q Datasheet HTML 1Page - Dallas Semiconductor DS2165Q Datasheet HTML 2Page - Dallas Semiconductor DS2165Q Datasheet HTML 3Page - Dallas Semiconductor DS2165Q Datasheet HTML 4Page - Dallas Semiconductor DS2165Q Datasheet HTML 5Page - Dallas Semiconductor DS2165Q Datasheet HTML 6Page - Dallas Semiconductor DS2165Q Datasheet HTML 7Page - Dallas Semiconductor DS2165Q Datasheet HTML 8Page - Dallas Semiconductor DS2165Q Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS2165Q
3 of 17
CONTROL REGISTER
The control register establishes idle, algorithm reset, bypass, data format, and channel coding for the
selected channel.
The X-side and Y-side PCM interfaces can be independently disabled (output tri-stated) by IPD. When
IPD is set for both channels, the device enters a low-power standby mode. In this mode, the serial port
must not be operated faster than 39kHz.
ALRST resets the algorithm coefficients for the selected channel to their initial values. ALRST is cleared
by the device when the algorithm reset is complete.
Table 1. PIN DESCRIPTION
PIN
SYMBOL
TYPE
FUNCTION
2
RST
I
Reset. A high-low-high transition resets the algorithm. The device should be
reset on power-up and when changing to or from the hardware mode.
3
4
TM0
TM1
I
Test Modes 0 and 1. Connect to VSS for normal operation.
6
7
8
9
10
11
A0
A1
A2
A3
A4
A5
I
Address Select. A0 = LSB, A5 = MSB. Must match address/command word
to enable the serial port.
12
SPS
I
Serial Port Select. Connect to VDD to select the serial port; connect to VSS to
select the hardware mode.
13
MCLK
I
Master Clock. 10MHz clock for the ADPCM processing engine; may be
asynchronous to SCLK, CLKX, and CLKY.
14
VSS
Signal Ground. 0V
16
XIN
I
X Data In. Sampled on falling edge of CLKX during selected time slots.
17
CLKX
I
X Data Clock. Data clock for the X-side PCM interface; must be
synchronous with FSX.
18
FSX
I
X Frame Sync. 8kHz frame sync for the X-side PCM interface.
20
XOUT
O
X Data Output. Updated on rising edge of CLKX during selected time slots.
21
SCLK
I
Serial Data Clock. Used to write to the serial port registers.
22
SDI
I
Serial Data In. Data for on-board control registers; sampled on the rising
edge of SCLK. LSB sent first.
23
CS
I
Chip Select. Must be low to write to the serial port.
24
YOUT
O
Y Data Output. Updated on rising edge of CLKY during selected time slots.
25
FSY
I
Y Frame Sync. 8kHz frame sync for the Y-side PCM interface.
26
CLKY
I
Y Data Clock. Data clock for the Y-side PCM interface; must be
synchronous with FSY.
27
YIN
I
Y Data In. Sampled on falling edge of CLKY during selected time slots.
28
VDD
Positive Supply. 5.0V (3.0V for DS2165QL)


Similar Part No. - DS2165Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2165Q MAXIM-DS2165Q Datasheet
342Kb / 17P
   16/24/32kbps ADPCM Processor
070802
More results

Similar Description - DS2165Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2165 MAXIM-DS2165 Datasheet
342Kb / 17P
   16/24/32kbps ADPCM Processor
070802
logo
Dallas Semiconductor
DS2167 DALLAS-DS2167 Datasheet
88Kb / 15P
   ADPCM Processor
logo
Maxim Integrated Produc...
DS2167 MAXIM-DS2167 Datasheet
115Kb / 15P
   ADPCM Processor
022698
DS2164Q MAXIM-DS2164Q Datasheet
265Kb / 17P
   G.726 ADPCM Processor
070802
logo
Dallas Semiconductor
DS2164Q DALLAS-DS2164Q Datasheet
259Kb / 17P
   G.726 ADPCM Processor
logo
List of Unclassifed Man...
BT8110 ETC-BT8110 Datasheet
905Kb / 84P
   High-Capacity ADPCM Processor
AT2008 ETC1-AT2008 Datasheet
286Kb / 19P
   8 Channels ADPCM Processor
AT2004 ETC1-AT2004 Datasheet
326Kb / 25P
   4 Channels ADPCM Processor with Echo Cancellation and Conferencing
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
MC145532 MOTOROLA-MC145532 Datasheet
220Kb / 16P
   ADPCM Transcoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com