Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR50SB-120 Datasheet(PDF) 4 Page - Fuji Electric

Part # 7MBR50SB-120
Description  Power Integrated Module (PIM)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR50SB-120 Datasheet(HTML) 4 Page - Fuji Electric

  7MBR50SB-120 Datasheet HTML 1Page - Fuji Electric 7MBR50SB-120 Datasheet HTML 2Page - Fuji Electric 7MBR50SB-120 Datasheet HTML 3Page - Fuji Electric 7MBR50SB-120 Datasheet HTML 4Page - Fuji Electric 7MBR50SB-120 Datasheet HTML 5Page - Fuji Electric 7MBR50SB-120 Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
7MBR 50SB-120
IGBT PIM
1200V
6x50A+Chopper


Similar Part No. - 7MBR50SB-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SB060 FUJI-7MBR50SB060 Datasheet
588Kb / 7P
   IGBT(600V/50A/PIM)
7MBR50SB060 FUJI-7MBR50SB060 Datasheet
236Kb / 7P
   IGBT MODULE
7MBR50SB060-01 FUJI-7MBR50SB060-01 Datasheet
447Kb / 11P
   IGBT Module
7MBR50SB060 FUJI-7MBR50SB060_10 Datasheet
236Kb / 7P
   IGBT MODULE
7MBR50SB120 FUJI-7MBR50SB120 Datasheet
576Kb / 7P
   IGBT(1200V/50A/PIM)
More results

Similar Description - 7MBR50SB-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SA-060 FUJI-7MBR50SA-060 Datasheet
338Kb / 6P
   Power Integrated Module (PIM)
7MBR50NE-060 FUJI-7MBR50NE-060 Datasheet
229Kb / 8P
   Power Integrated Module (PIM)
7MBR25SA-120 FUJI-7MBR25SA-120 Datasheet
424Kb / 6P
   Power Integrated Module (PIM)
logo
International Rectifier
GB25RF120K IRF-GB25RF120K Datasheet
781Kb / 13P
   IGBT PIM MODULE
GB10RF120K IRF-GB10RF120K Datasheet
1Mb / 12P
   IGBT PIM MODULE
GB30RF60K IRF-GB30RF60K Datasheet
398Kb / 14P
   IGBT PIM MODULE
GB15RF120K IRF-GB15RF120K Datasheet
348Kb / 13P
   IGBT PIM MODULE
logo
MacMic
MMG75W060XB6EN MACMIC-MMG75W060XB6EN Datasheet
434Kb / 9P
   600V 75A PIM Module
MMG75WD120XB6T4N MACMIC-MMG75WD120XB6T4N Datasheet
1Mb / 9P
   1200V 75A PIM Module
logo
Nihon Inter Electronics...
PVD55-6 NIEC-PVD55-6 Datasheet
66Kb / 3P
   PIM MODULE 5.5KW 200V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com