Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM250N Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM250N
Description  High common-mode transient immunity: 100 kV/關s
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM250N Datasheet(HTML) 3 Page - Analog Devices

  ADUM250N Datasheet HTML 1Page - Analog Devices ADUM250N Datasheet HTML 2Page - Analog Devices ADUM250N Datasheet HTML 3Page - Analog Devices ADUM250N Datasheet HTML 4Page - Analog Devices ADUM250N Datasheet HTML 5Page - Analog Devices ADUM250N Datasheet HTML 6Page - Analog Devices ADUM250N Datasheet HTML 7Page - Analog Devices ADUM250N Datasheet HTML 8Page - Analog Devices ADUM250N Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADuM250N/ADuM251N/ADuM252N
Rev. 0 | Page 3 of 22
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire recommended
operation range of 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted. Supply currents are specified with 50% duty cycle signals.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Pulse Width
PW
6.6
ns
Within pulse width distortion (PWD) limit
Data Rate1
150
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
4.8
7.2
13
ns
50% input to 50% output
Pulse Width Distortion
PWD
0.5
4.5
ns
|tPLH − tPHL|
Change vs. Temperature
1.5
ps/°C
Propagation Delay Skew
tPSK
6.1
ns
Between any two units at the
same temperature, voltage, and load
Channel Matching
Codirectional
tPSKCD
0.5
4.0
ns
Opposing Direction
tPSKOD
0.5
4.5
ns
Jitter
490
ps p-p
See the Jitter Measurement section
70
ps rms
See the Jitter Measurement section
DC SPECIFICATIONS
Input Threshold Voltage
Logic High
VIH
0.7 ×
VDDx
V
Logic Low
VIL
0.3 ×
VDDx
V
Output Voltage
Logic High
VOH
VDDx − 0.1
VDDx
V
IOx2 = −20 µA, VIx = VIxH3
VDDx − 0.4
VDDx
0.2
V
IOx2 = −4 mA, VIx = VIxH3
Logic Low
VOL
0.0
0.1
V
IOx2 = 20 µA, VIx = VIxL4
0.2
0.4
V
IOx2 = 4 mA, VIx = VIxL4
Input Current per Channel
II
−10
+0.01
+10
µA
0 V ≤ VIx ≤ VDDx
Quiescent Supply Current
ADuM250N
IDD1 (Q)
2.54
3.70
mA
VI5 = 0 (N0), 1 (N1)6
IDD2 (Q)
3.34
4.56
mA
VI5 = 0 (N0), 1 (N1)6
IDD1 (Q)
16.8
27.5
mA
VI5 = 1 (N0), 0 (N1)6
IDD2 (Q)
3.57
4.90
mA
VI5 = 1 (N0), 0 (N1)6
ADuM251N
IDD1 (Q)
2.79
4.09
mA
VI5 = 0 (N0), 1 (N1)6
IDD2 (Q)
3.20
4.22
mA
VI5 = 0 (N0), 1 (N1)6
IDD1 (Q)
14.2
23
mA
VI5 = 1 (N0), 0 (N1)6
IDD2 (Q)
7.08
11.1
mA
VI5 = 1 (N0), 0 (N1)6
ADuM252N
IDD1 (Q)
2.91
4.11
mA
VI5 = 0 (N0), 1 (N1)6
IDD2 (Q)
2.95
4.15
mA
VI5 = 0 (N0), 1 (N1)6
IDD1 (Q)
11.1
19.5
mA
VI5 = 1 (N0), 0 (N1)6
IDD2 (Q)
10.5
16.7
mA
VI5 = 1 (N0), 0 (N1)6
Dynamic Supply Current
Inputs switching, 50% duty cycle
Dynamic Input
IDDI (D)
0.01
mA/Mbps
Dynamic Output
IDDO (D)
0.02
mA/Mbps


Similar Part No. - ADUM250N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM210N AD-ADUM210N Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ AD-ADUM210N0BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N0BRIZ-RL AD-ADUM210N0BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ AD-ADUM210N1BRIZ Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
ADUM210N1BRIZ-RL AD-ADUM210N1BRIZ-RL Datasheet
458Kb / 15P
   5.0 kV rms, Single-Channel Digital Isolator
More results

Similar Description - ADUM250N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM160N AD-ADUM160N Datasheet
551Kb / 23P
   High common-mode transient immunity
logo
Vishay Siliconix
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
Rev. 2.1, 09-Mar-12
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800-500E AVAGO-HCPL-7800-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-000E AVAGO-HCPL-7800A-000E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-500E AVAGO-HCPL-7800A-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Solid State Optronic
S642 SSOUSA-S642_15 Datasheet
204Kb / 5P
   High transient immunity
S107 SSOUSA-S107_15 Datasheet
236Kb / 5P
   High transient immunity
S110 SSOUSA-S110_15 Datasheet
242Kb / 5P
   High transient immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com