Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM4121 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM4121
Description  2 A peak output current (<2RDSON)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM4121 Datasheet(HTML) 1 Page - Analog Devices

  ADUM4121 Datasheet HTML 1Page - Analog Devices ADUM4121 Datasheet HTML 2Page - Analog Devices ADUM4121 Datasheet HTML 3Page - Analog Devices ADUM4121 Datasheet HTML 4Page - Analog Devices ADUM4121 Datasheet HTML 5Page - Analog Devices ADUM4121 Datasheet HTML 6Page - Analog Devices ADUM4121 Datasheet HTML 7Page - Analog Devices ADUM4121 Datasheet HTML 8Page - Analog Devices ADUM4121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Voltage, Isolated Gate Driver with
Internal Miller Clamp, 2 A Output
Data Sheet
ADuM4121/ADuM4121-1
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2 A peak output current (<2 Ω RDSON)
2.5 V to 6.5 V input
4.5 V to 35 V output
Undervoltage lockout (UVLO) at 2.5 V VDD1
Multiple UVLO options on VDD2
Grade A: 4.4 V (typical) UVLO on VDD2
Grade B: 7.3 V (typical) UVLO on VDD2
Grade C: 11.3 V (typical) UVLO on VDD2
Precise timing characteristics
53 ns maximum isolator and driver propagation delay
CMOS input logic levels
High common-mode transient immunity: >150 kV/µs
High junction temperature operation: 125°C
Default low output
Internal Miller clamp
Safety and regulatory approvals (pending)
UL recognition per UL 1577
5 kV rms for 1-minute withstand
CSA Component Acceptance Notice 5A
VDE certificate of conformity (pending)
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 849 V peak
Wide-body, 8-lead SOIC
APPLICATIONS
Switching power supplies
Isolated IGBT/MOSFET gate drives
Industrial inverters
Gallium nitride (GaN)/silicon carbide (SiC) power devices
GENERAL DESCRIPTION
The ADuM4121/ADuM4121-11 are 2 A isolated, single-channel
drivers that employ Analog Devices, Inc.’s iCoupler® technology
to provide precision isolation. The ADuM4121/ADuM4121-1
provide 5 kV rms isolation in the wide-body, 8-lead SOIC package.
Combining high speed CMOS and monolithic transformer
technology, these isolation components provide outstanding
performance characteristics superior to alternatives such as the
combination of pulse transformers and gate drivers.
The ADuM4121/ADuM4121-1 operate with an input supply
ranging from 2.5 V to 6.5 V, providing compatibility with lower
voltage systems. In comparison to gate drivers that employ high
voltage level translation methodologies, the ADuM4121/
ADuM4121-1 offer the benefit of true, galvanic isolation
between the input and the output.
The ADuM4121/ADuM4121-1 include an internal Miller clamp
that activates at 2 V on the falling edge of the gate drive output,
supplying the driven gate with a lower impedance path to reduce
the chance of Miller capacitance induced turn on.
Options exists to allow the thermal shutdown to be enabled or
disabled. As a result, the ADuM4121/ADuM4121-1 provide
reliable control over the switching characteristics of insulated
gate bipolar transistor (IGBT)/metal oxide semiconductor field,
effect transistor (MOSFET) configurations over a wide range of
switching voltages.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
1
Protected by U.S. Patents 5,952,849; 6,873,065; 7,075,239. Other patents pending.
ENCODE
DECODE
AND
LOGIC
VDD1
VI+
GND1
VDD2
VOUT
CLAMP
GND2
ADuM4121/
ADuM4121-1
UVLO
UVLO
TSD
VI
2V
1
2
3
4
8
7
6
5


Similar Part No. - ADUM4121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4121-1-EP AD-ADUM4121-1-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EP AD-ADUM4121-1TRIZ-EP Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
ADUM4121-1TRIZ-EPR AD-ADUM4121-1TRIZ-EPR Datasheet
190Kb / 9P
   High Voltage, Isolated Gate Driver with Internal Miller Clamp, 2.3 A Output
Rev. 0
More results

Similar Description - ADUM4121

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK0021FP MSK-MSK0021FP_15 Datasheet
185Kb / 8P
   High Output Current - 2 Amps Peak
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
ACPL-36JV-000E AVAGO-ACPL-36JV-000E Datasheet
623Kb / 33P
   2.5 A maximum peak output current
ACPL-38JT AVAGO-ACPL-38JT Datasheet
561Kb / 33P
   2.5 A maximum peak output current
ACPL-312U-000E AVAGO-ACPL-312U-000E Datasheet
479Kb / 17P
   2.0 A minimum peak output current
logo
Broadcom Corporation.
ACPL-335J BOARDCOM-ACPL-335J Datasheet
1Mb / 20P
   Peak output current: 2.5 A maximum
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-352J AVAGO-ACPL-352J Datasheet
1Mb / 26P
   5.0 A maximum peak output current
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
   1.2A Peak Output Current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Dialog Semiconductor
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com