Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC392ALC4 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC392ALC4
Description  GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 8.0 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC392ALC4 Datasheet(HTML) 3 Page - Analog Devices

  HMC392ALC4 Datasheet HTML 1Page - Analog Devices HMC392ALC4 Datasheet HTML 2Page - Analog Devices HMC392ALC4 Datasheet HTML 3Page - Analog Devices HMC392ALC4 Datasheet HTML 4Page - Analog Devices HMC392ALC4 Datasheet HTML 5Page - Analog Devices HMC392ALC4 Datasheet HTML 6Page - Analog Devices HMC392ALC4 Datasheet HTML 7Page - Analog Devices HMC392ALC4 Datasheet HTML 8Page - Analog Devices HMC392ALC4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Gain vs. Temperature @ Vdd = 5V
Broadband Gain & Return Loss @ Vdd = 5V
Broadband Gain vs. Supply Voltage
Input Return Loss vs. Temperature
@ Vdd = 5V
HMC392ALC4
GaAs MMIC LOW NOISE
AMPLIFIER, 3.5 - 8.0 GHz
v01.0117
-30
-25
-20
-15
-10
-5
0
5
10
15
20
123456789
10
11
12
13
S21
S11
S22
FREQUENCY (GHz)
11
12
13
14
15
16
17
18
19
23
45
67
8
9
+25C
+85C
-40C
FREQUENCY (GHz)
10
11
12
13
14
15
16
17
18
23
45
67
8
9
2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
23
45
67
8
9
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
2345
6
789
2.0V
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
FREQUENCY (GHz)
Input Return Loss vs. Supply Voltage
-20
-16
-12
-8
-4
0
23
45
67
8
9
+25C
+85C
-40C
FREQUENCY (GHz)
Output Return Loss vs.Temperature
@ Vdd = 5V


Similar Part No. - HMC392ALC4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC392A AD-HMC392A Datasheet
600Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER,
More results

Similar Description - HMC392ALC4

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_07 Datasheet
454Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
XL1007-QT MIMIX-XL1007-QT Datasheet
425Kb / 7P
   3.5-8.0 GHz GaAs MMIC Packaged Low Noise Amplifier
logo
M/A-COM Technology Solu...
XL1007-QT MA-COM-XL1007-QT Datasheet
601Kb / 8P
   3.5-8.0 GHz GaAs MMIC
logo
Mimix Broadband
XL1007-QT MIMIX-XL1007-QT_09 Datasheet
611Kb / 8P
   3.5-8.0 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5_09 Datasheet
244Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
113Kb / 3P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
logo
Hittite Microwave Corpo...
HMC392LH5 HITTITE-HMC392LH5 Datasheet
241Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
logo
M/A-COM Technology Solu...
MAAM37000 MA-COM-MAAM37000 Datasheet
191Kb / 4P
   Low Noise GaAs MMIC Amplifier 3.5 - 7.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com