Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC558ALC3BTR Datasheet(PDF) 6 Page - Analog Devices

Part # HMC558ALC3BTR
Description  Conversion loss: 7.5 dB typical at 5.5 GHz to 10 GHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC558ALC3BTR Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC558ALC3BTR Datasheet HTML 2Page - Analog Devices HMC558ALC3BTR Datasheet HTML 3Page - Analog Devices HMC558ALC3BTR Datasheet HTML 4Page - Analog Devices HMC558ALC3BTR Datasheet HTML 5Page - Analog Devices HMC558ALC3BTR Datasheet HTML 6Page - Analog Devices HMC558ALC3BTR Datasheet HTML 7Page - Analog Devices HMC558ALC3BTR Datasheet HTML 8Page - Analog Devices HMC558ALC3BTR Datasheet HTML 9Page - Analog Devices HMC558ALC3BTR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HMC558A
Data Sheet
Rev. 0 | Page 6 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
DOWNCONVERTER PERFORMANCE
Data taken as downconverter, upper sideband (low-side LO), TA = 25°C, LO drive level = 15 dBm unless otherwise specified.
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 7. Conversion Gain vs. RF Frequency at Various Temperatures,
IF = 100 MHz
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 8. Input IP3 vs. RF Frequency at Various Temperatures,
IF = 100 MHz
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 9. Conversion Gain vs. RF Frequency at Various Temperatures,
IF = 2 GHz
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
9dBm
12dBm
15dBm
18dBm
20dBm
Figure 10. Conversion Gain vs. RF Frequency at Various LO Powers,
IF = 100 MHz
–5.0
–2.5
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
4
5
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
9dBm
12dBm
15dBm
18dBm
20dBm
Figure 11. Input IP3 vs. RF Frequency at Various LO Powers,
IF = 100 MHz
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
6
7
8
9
10
11
12
13
14
15
16
RF FREQUENCY (GHz)
9dBm
12dBm
15dBm
18dBm
20dBm
Figure 12. Conversion Gain vs. RF Frequency at Various LO Powers,
IF = 2 GHz


Similar Part No. - HMC558ALC3BTR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC558A AD-HMC558A Datasheet
480Kb / 32P
   5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
HMC558A-SX AD-HMC558A-SX Datasheet
480Kb / 32P
   5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
HMC558ACHIPS AD-HMC558ACHIPS Datasheet
480Kb / 32P
   5.5 GHz to 14 GHz, GaAs MMIC Fundamental Mixer
More results

Similar Description - HMC558ALC3BTR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
   Conversion loss: 9 dB typical at 3 GHz to 9 GHz
logo
CRYSTEK CORPORATION
CBTEE-01-50-6000 CRYSTEKMICROWAVE-CBTEE-01-50-6000 Datasheet
235Kb / 4P
   High Isolation, 35 dB Typical at 1 GHz
logo
Cree, Inc
CGHV60075D5 CREE-CGHV60075D5 Datasheet
662Kb / 7P
   19 dB Typical Small Signal Gain at 4 GHz
logo
Siemens Semiconductor G...
BGA310 SIEMENS-BGA310 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
logo
Analog Devices
AD8347ARUZ AD-AD8347ARUZ Datasheet
630Kb / 28P
   0.8 GHz to 2.7 GHz Direct Conversion
REV. A
logo
Pasternack Enterprises,...
PE15A3268 PASTERNACK-PE15A3268 Datasheet
374Kb / 3P
   5.5 dB NF, 10 dBm P1dB, 18 GHz to 40 GHz, Low Noise Broadband Amplifier, 18 dB Gain, 2.4mm
PE2206-6 PASTERNACK-PE2206-6 Datasheet
211Kb / 3P
   Directional 6 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
logo
Siemens Semiconductor G...
BGA318 SIEMENS-BGA318 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)
logo
Pasternack Enterprises,...
PE2206-30 PASTERNACK-PE2206-30 Datasheet
246Kb / 3P
   Directional 30 dB SMA Coupler From 7.5 GHz to 16 GHz Rated To 50 Watts
logo
Siemens Semiconductor G...
BGA312 SIEMENS-BGA312 Datasheet
20Kb / 4P
   Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com