Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3NPN6R8MMR Datasheet(PDF) 6 Page - ams AG

Part # LQH3NPN6R8MMR
Description  Wide input voltage range (2.4V to 5.5V)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LQH3NPN6R8MMR Datasheet(HTML) 6 Page - ams AG

Back Button LQH3NPN6R8MMR Datasheet HTML 2Page - ams AG LQH3NPN6R8MMR Datasheet HTML 3Page - ams AG LQH3NPN6R8MMR Datasheet HTML 4Page - ams AG LQH3NPN6R8MMR Datasheet HTML 5Page - ams AG LQH3NPN6R8MMR Datasheet HTML 6Page - ams AG LQH3NPN6R8MMR Datasheet HTML 7Page - ams AG LQH3NPN6R8MMR Datasheet HTML 8Page - ams AG LQH3NPN6R8MMR Datasheet HTML 9Page - ams AG LQH3NPN6R8MMR Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-43] 2015-Jul-23
AS1313 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) method.
Figure 6:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage
VIN, PWR_VIN
2.4
5.5
V
VOUT
Regulated output voltage
3.6V ≤ VIN ≤ 5.5V
(VIN ≥ VOUT + 0.5V)
1.2
3.6
V
2.4V < VIN < 3.6V
1.2
VIN – 0.5V
V
VOUT_TOL
Output voltage tolerance
IOUT = 10mA,
TAMB = 25°C
-3
+3
%
IOUT = 10mA
-4
+4
%
IQ
Quiescent current
VOUT = 1.03 x VOUTNOM
no load, TAMB = 25°C
0.35
1
2
μA
ISHDN
Shutdown current
VEN = 0V
TAMB = 25°C
100
nA
LNR
Output voltage line regulation
Vin = 2.4V to 5.5V
IOUT = 100mA
0.2
%/V
Vin = 3.5V to 5.5V
IOUT = 100mA
0.05
%/V
LDR
Output voltage load
regulation
IOUT = 0 to 100mA
0.02
%/mA
IPK
Peak coil current
VIN = 3V, TAMB = 25°C
VOUT = 0.9 x VOUTNOM
400
mA
ILOAD
Load current
VIN ≥ VOUT + 0.5V
150
mA
RPMOS
P-Channel FET RDS(ON)
ILX = 100mA
0.4
Ω
RNMOS
N-Channel FET RDS(ON)
ILX = -100mA
0.4
Ω
Electrical Characteristics


Similar Part No. - LQH3NPN6R8MMR

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH3NPN6R8MMR MURATA-LQH3NPN6R8MMR Datasheet
83Kb / 2P
   Inductance
LQH3NPN6R8MMRE MURATA-LQH3NPN6R8MMRE Datasheet
83Kb / 2P
   Inductance
LQH3NPN6R8MMRF MURATA-LQH3NPN6R8MMRF Datasheet
83Kb / 2P
   Inductance
More results

Similar Description - LQH3NPN6R8MMR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8023GQW RICHTEK-RT8023GQW Datasheet
391Kb / 19P
   Converter Input Voltage Range : 2.6V to 5.5V, LDO Input Voltage Range : 2.4V to 5.5V
logo
List of Unclassifed Man...
PL8333 ETC2-PL8333 Datasheet
655Kb / 2P
   Wide supply voltage range: 2.4V to 5V
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
   2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
   1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
   1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
logo
Shanghai Leiditech Elec...
LP25151T5 LEIDITECH-LP25151T5 Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25151T5-A LEIDITECH-LP25151T5-A Datasheet
1Mb / 6P
   Input Voltage Range: 2.5V to 5.5V
LP25P20T5 LEIDITECH-LP25P20T5 Datasheet
761Kb / 7P
   Input Voltage Range: 2.5V to 5.5V
logo
Maxim Integrated Produc...
MAX6397EVKIT MAXIM-MAX6397EVKIT Datasheet
444Kb / 8P
   5.5V to 72V Wide Supply Voltage Range
Rev 2; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com