Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8243AADFT-TB-G Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-8243AADFT-TB-G
Description  BATTERY PROTECTION IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8243AADFT-TB-G Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-8243AADFT-TB-G Datasheet HTML 6Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 7Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 8Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 9Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 10Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 11Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 12Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 13Page - Seiko Instruments Inc S-8243AADFT-TB-G Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S-8243A/B Series
Rev.3.1_00
10
Table 7 (2 / 2)
Item
Symbol
Remarks
Min.
Typ.
Max.
Unit
Test circuit
INPUT CURRENT
Current consumption at not
monitoring VBATOUT
IOPE
V1 = V2 = V3 = V4 = 3.5 V, VMP = VDD
65
120
μA
1
Current consumption at power down IPDN
V1 = V2 = V3 = V4 = 1.5 V, VMP = VSS
0.1
μA
1
Current for VCn at not monitoring
VBATOUT (n = 2, 3)
IVCnN
V1 = V2 = V3 = V4 = 3.5 V
−0.3
0
0.3
μA
3
Current for VC1 at monitoring of
VBATOUT
IVC1
V1 = V2 = V3 = V4 = 3.5 V
3.2
10.4
μA
3
Current for VC2 at monitoring of
VBATOUT
IVC2
V1 = V2 = V3 = V4 = 3.5 V
2.0
7.2
μA
3
Current for VC3 at monitoring of
VBATOUT
IVC3
V1 = V2 = V3 = V4 = 3.5 V, VCTL1 = 0 V
1.0
4.0
μA
3
Current for CTL1 at Low
ICTL1L
V1 = V2 = V3 = V4 = 3.5 V, VCTL1 = 0 V
−0.4
−0.2
μA
5
Current for CTLn at High
n = 2, 3, 4
ICTLnH
VCTLn = VOUT
2.5
5
μA
9
Current for CTLn at Low
n = 2, 3, 4
ICTLnL
VCTLn = 0 V
−5
−2.5
μA
9
OUTPUT CURRENT
Leak current COP
ICOH
VCOP = 24 V
0.1
μA
9
Sink current COP
ICOL
VCOP = VSS
+0.5 V
10
μA
9
Source current DOP
IDOH
VDOP = VDD
−0.5 V
10
μA
9
Sink current DOP
IDOL
VDOP = VSS
+0.5 V
10
μA
9
Source current VBATOUT
IVBATH
VBATOUT = VDD
−0.5 V
100
μA
9
Sink current VBATOUT
IVBATL
VBATOUT = VSS
+0.5 V
100
μA
9
Applied to S-8243BAEFT, S-8243BAFFT, S-8243BAHFT
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test circuit
DELAY TIME
Overcharge detection delay time
tCU
CCT = 0.1
μF
0.5
1.0
1.5
s
5
Overdischarge detection delay time tDL
CDT = 0.1
μF
50
100
150
ms
5
Overcurrent detection delay time 1 tlOV1
CDT = 0.1
μF
5
10
15
ms
5
Overcurrent detection delay time 2 tlOV2
1.5
2.5
4.0
ms
4
Overcurrent detection delay time 3 tlOV3
100
300
600
μs
4
Applied to S-8243BADFT
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test circuit
DELAY TIME
Overcharge detection delay time
tCU
CCT = 0.1
μF
0.5
1.0
1.5
s
5
Overdischarge detection delay time tDL
CDT = 0.1
μF
55.5
111
222
ms
5
Overcurrent detection delay time 1
tlOV1
CDT = 0.1
μF
3.31
6.62
13.2
ms
5
Overcurrent detection delay time 2
tlOV2
1.5
2.5
4.0
ms
4
Overcurrent detection delay time 3
tlOV3
100
300
600
μs
4
*1. Temperature coefficient for detection and release voltage is applied to overcharge detection voltage n, overcharge release voltage n, overdischarge
detection voltage n, and overdischarge release voltage n.
*2. Temperature coefficient for overcurrent detection voltage is applied to over current detection voltage 1 and 2.
*3. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by design, not tested in
production.


Similar Part No. - S-8243AADFT-TB-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8243AADFT-TB-G SII-S-8243AADFT-TB-G Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results

Similar Description - S-8243AADFT-TB-G

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com