Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8243BAEFT-TB-G Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8243BAEFT-TB-G
Description  BATTERY PROTECTION IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8243BAEFT-TB-G Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8243BAEFT-TB-G Datasheet HTML 2Page - Seiko Instruments Inc S-8243BAEFT-TB-G Datasheet HTML 3Page - Seiko Instruments Inc S-8243BAEFT-TB-G Datasheet HTML 4Page - Seiko Instruments Inc S-8243BAEFT-TB-G Datasheet HTML 5Page - Seiko Instruments Inc S-8243BAEFT-TB-G Datasheet HTML 6Page - Seiko Instruments Inc S-8243BAEFT-TB-G Datasheet HTML 7Page - Seiko Instruments Inc S-8243BAEFT-TB-G Datasheet HTML 8Page - Seiko Instruments Inc S-8243BAEFT-TB-G Datasheet HTML 9Page - Seiko Instruments Inc S-8243BAEFT-TB-G Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
S-8243A/B Series
Rev.3.1_00
6
Absolute Maximum Ratings
Table 5
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Applied Pins
Absolute Maximum Ratings
Unit
Input voltage VDD
VDS
VSS
−0.3 to VSS+26
V
Input voltage
VIN
VC1, VC2, VC3, CCT,
CDT
VSS
−0.3 to VDD+0.3
V
VMP pin Input voltage
VMP
VMP
VSS
−0.3 to VSS+26
V
DOP pin output voltage
VDOP
DOP
VSS
−0.3 to VDD+0.3
V
COP pin output voltage
VCOP
COP
VSS
−0.3 to VSS+26
V
VREG pin output voltage
VOUT
VREG
VSS
−0.3 to VDD+0.3
V
CTL1 pin input voltage
VCTL1
CTL1
VSS
−0.3 to VDD+0.3
V
CTL2 to CTL4 pin input voltage
VCTLn
CTL2, CTL3, CTL4
VSS
−0.3 to VOUT+0.3
V
Cell voltage output voltage
VBATOUT
VBATOUT
VSS
−0.3 to VOUT+0.3
V
Power dissipation
PD
300 (When not mounted on board)
mW
1100
*1
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name:
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
800
400
0
Ambient Temperature (Ta) [
°C]
1000
600
200
1200
Figure 4 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-8243BAEFT-TB-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8243BAEFT-TB-G SII-S-8243BAEFT-TB-G Datasheet
638Kb / 34P
   BATTRY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results

Similar Description - S-8243BAEFT-TB-G

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com