Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8250BAV-I6T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8250BAV-I6T1U
Description  BATTERY PROTECTION IC FOR 1-CELL PACK
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8250BAV-I6T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8250BAV-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8250BAV-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8250BAV-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8250BAV-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8250BAV-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8250BAV-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8250BAV-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-8250BAV-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-8250BAV-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8250B Series
Rev.1.1_02
8
Electrical Characteristics
1. Ta =
+25°C
Table 8
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Detection Voltage
Overcharge detection voltage
VCU
VCU
− 0.020
VCU
VCU
+ 0.020
V
1
Ta =
−10°C to +60°C
*1
VCU
− 0.025
VCU
VCU
+ 0.025
V
1
Overcharge release voltage
VCL
VCL
≠ VCU
VCL
− 0.030
VCL
VCL
+ 0.030
V
1
VCL = VCU
VCL
− 0.025
VCL
VCL
+ 0.020
V
1
Overdischarge detection voltage
VDL
VDL
− 0.050
VDL
VDL
+ 0.050
V
2
Overdischarge release voltage
VDU
VDL
≠ VDU
VDU
− 0.100
VDU
VDU
+ 0.100
V
2
VDL = VDU
VDU
− 0.050
VDU
VDU
+ 0.050
V
2
Discharge overcurrent detection voltage
VDIOV
VDD = 3.0 V
VDIOV
− 0.010 VDIOV VDIOV + 0.010
V
2
VDD = 3.4 V
VDIOV
− 0.010 VDIOV VDIOV + 0.010
V
2
VDD = 4.0 V
VDIOV
− 0.010 VDIOV VDIOV + 0.010
V
2
Load short-circuiting detection voltage
VSHORT
VSHORT
− 0.050 VSHORT VSHORT + 0.050 V
2
Discharge overcurrent release voltage
VRIOV
VDD
− 1.2
VDD
0.8
VDD
− 0.5
V
2
Charge overcurrent detection voltage
VCIOV
VCIOV
− 0.015 VCIOV VCIOV + 0.015
V
2
0 V Battery Charge Function
0 V battery charge starting charger voltage V0CHA
0 V battery charge
function "available"
0.00
0.70
1.00
V
2
0 V battery charge inhibition battery voltage V0INH
0 V battery charge
function "unavailable"
0.90
1.25
1.60
V
2
Internal Resistance
Resistance between VM pin and VDD pin
RVMD
500
1000
2000
k
Ω
3
Resistance between VM pin and VSS pin
RVMS
10
20
40
k
Ω
3
Input Voltage
Operation voltage between VDD pin and
VSS pin
VDSOP1
1.5
6.5
V
Operation voltage between VDD pin and
VM pin
VDSOP2
1.5
28
V
Input Current
Current consumption during operation
IOPE
2.0
4.0
μA3
Current consumption during power-down
IPDN
50
nA
3
Current consumption during overdischarge IOPED
1.0
μA3
Output Resistance
CO pin resistance "H"
RCOH
5
10
20
k
Ω
4
CO pin resistance "L"
RCOL
5
10
20
k
Ω
4
DO pin resistance "H"
RDOH
5
10
20
k
Ω
4
DO pin resistance "L"
RDOL
5
10
20
k
Ω
4
Delay Time
Overcharge detection delay time
tCU
tCU
× 0.8
tCU
tCU
× 1.2
5
Overdischarge detection delay time
tDL
tDL
× 0.8
tDL
tDL
× 1.2
5
Discharge overcurrent detection delay time tDIOV
tDIOV
× 0.8
tDIOV
tDIOV
× 1.2
5
Load short-circuiting detection delay time
tSHORT
tSHORT
× 0.7
tSHORT
tSHORT
× 1.3
5
Charge overcurrent detection delay time
tCIOV
tCIOV
× 0.8
tCIOV
tCIOV
× 1.2
5
*1. Since products are not screened at high and low temperature, the specification for this temperature range is guaranteed by
design, not tested in production.


Similar Part No. - S-8250BAV-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8250BAV-I6T1U ABLIC-S-8250BAV-I6T1U Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
More results

Similar Description - S-8250BAV-I6T1U

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
S-8240A ABLIC-S-8240A Datasheet
783Kb / 48P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.2.7_00
S-8250B ABLIC-S-8250B Datasheet
577Kb / 32P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.1_03
logo
Neotec Semiconductor Lt...
NT1713C NEOTEC-NT1713C Datasheet
283Kb / 5P
   Protection IC for 1-Cell Battery Pack
V1.1
NT1715C NEOTEC-NT1715C Datasheet
228Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.4
logo
Seiko Instruments Inc
S-8211D SII-S-8211D Datasheet
370Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
ABLIC Inc.
S-8211C ABLIC-S-8211C Datasheet
636Kb / 43P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_03
S-82H1B ABLIC-S-82H1B Datasheet
561Kb / 29P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com