Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8244ABMPH-CFMTFU Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-8244ABMPH-CFMTFU
Description  BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8244ABMPH-CFMTFU Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-8244ABMPH-CFMTFU Datasheet HTML 4Page - Seiko Instruments Inc S-8244ABMPH-CFMTFU Datasheet HTML 5Page - Seiko Instruments Inc S-8244ABMPH-CFMTFU Datasheet HTML 6Page - Seiko Instruments Inc S-8244ABMPH-CFMTFU Datasheet HTML 7Page - Seiko Instruments Inc S-8244ABMPH-CFMTFU Datasheet HTML 8Page - Seiko Instruments Inc S-8244ABMPH-CFMTFU Datasheet HTML 9Page - Seiko Instruments Inc S-8244ABMPH-CFMTFU Datasheet HTML 10Page - Seiko Instruments Inc S-8244ABMPH-CFMTFU Datasheet HTML 11Page - Seiko Instruments Inc S-8244ABMPH-CFMTFU Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
S-8244 Series
Rev.6.4_02
8
Absolute Maximum Ratings
Table 7
(Ta = 25
°C unless otherwise specified)
Item
Symbol
Applied pin
Absolute maximum ratings
Unit
Input voltage between VCC and VSS
VDS
VCC
VSS
−0.3 to VSS +26
V
Delay capacitor connection pin voltage
VICT
ICT
VSS
−0.3 to VCC +0.3
V
Input pin voltage
VIN
SENSE, VC1,
VC2, VC3
VSS
−0.3 to VCC +0.3
V
CO output pin
voltage
(CMOS output)
VCO
CO
VSS
−0.3 to VCC +0.3
V
(Nch open drain output)
VSS
−0.3 to 26
V
(Pch open drain output)
VCC
−26 to VCC +0.3
V
Power
dissipation
SNT-8A
PD
450*1
mW
8-Pin MSOP
500*1
mW
TMSOP-8
650*1
mW
Operating ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1.
When mounted on board
[Mounted board]
(1) Board size :
114.3 mm
× 76.2 mm × t1.6 mm
(2) Name :
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
Ambient Temperature (Ta) [
°C]
700
600
500
400
300
200
100
0
TMSOP-8
8-Pin MSOP
SNT-8A
Figure 5 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-8244ABMPH-CFMTFU

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8244ABMPH-CFMTFU ABLIC-S-8244ABMPH-CFMTFU Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
More results

Similar Description - S-8244ABMPH-CFMTFU

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8244 SII-S8244 Datasheet
466Kb / 32P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
logo
ABLIC Inc.
S-8244 ABLIC-S-8244 Datasheet
450Kb / 28P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.7.0_00
logo
Seiko Instruments Inc
S-8244 SII-S-8244 Datasheet
399Kb / 27P
   BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
logo
Unisonic Technologies
UB240 UTC-UB240 Datasheet
204Kb / 11P
   LION BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
UB240 UTC-UB240_17 Datasheet
231Kb / 11P
   LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8224A SII-S8224A Datasheet
2Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8264A ABLIC-S-8264A Datasheet
610Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL-CELL PACK (SECONDARY PROTECTION)
Rev.4.4_00
S-8224A ABLIC-S-8224A Datasheet
1Mb / 33P
   BATTERY PROTECTION IC FOR 2-SERIAL TO 4-SERIAL CELL PACK (SECONDARY PROTECTION)
Rev.1.3_00
logo
Seiko Instruments Inc
S8254A SII-S8254A Datasheet
359Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
S8243A SII-S8243A Datasheet
619Kb / 35P
   BATTERY PROTECTION IC FOR 3-SERIAL OR 4-SERIAL CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com