Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8254AAKFT-TB-G Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8254AAKFT-TB-G
Description  BATTERY PROTECTION IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8254AAKFT-TB-G Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8254AAKFT-TB-G Datasheet HTML 5Page - Seiko Instruments Inc S-8254AAKFT-TB-G Datasheet HTML 6Page - Seiko Instruments Inc S-8254AAKFT-TB-G Datasheet HTML 7Page - Seiko Instruments Inc S-8254AAKFT-TB-G Datasheet HTML 8Page - Seiko Instruments Inc S-8254AAKFT-TB-G Datasheet HTML 9Page - Seiko Instruments Inc S-8254AAKFT-TB-G Datasheet HTML 10Page - Seiko Instruments Inc S-8254AAKFT-TB-G Datasheet HTML 11Page - Seiko Instruments Inc S-8254AAKFT-TB-G Datasheet HTML 12Page - Seiko Instruments Inc S-8254AAKFT-TB-G Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_00
S-8254A Series
9
Test Circuits
This chapter describes how to test the S-8254A Series when a 4-serial cell is selected by setting the SEL pin
to the VDD level. When a 3-serial cell is selected by setting the SEL pin to the VSS level, short the power
supply V4.
1. Current Consumption during Operation, Current Consumption during Power-down
(Test circuit 1)
1. 1 Current Consumption during operation (IOPE)
The current at the VSS pin when V1
= V2 = V3 = V4 = 3.5 V and VVMP = VDD is the current
consumption during operation (IOPE).
1. 2 Current Consumption during power-down (IPDN)
The current at the VSS pin when V1
= V2 = V3 = V4 = 1.5 V and VVMP = VSS is the current consumption
during power-down (IPDN).
2. Overcharge Detection Voltage, Overcharge Release Voltage, Overdischarge Detection Voltage,
Overdischarge Release Voltage, Overcurrent Detection Voltage 1, Overcurrent Detection Voltage
2, Overcurrent Detection Voltage 3, CTL Input Voltage “H”, CTL Input Voltage “L”, SEL Input
Voltage “H”, SEL Input Voltage “L”
(Test circuit 2)
Confirm that the COP pin and DOP pin are low (VDD
× 0.1 V or lower) when VVMP = VSEL = VDD, VINI =
VCTL
= VSS, the CCT pin is open, the CDT pin is open, and V1 = V2 = V3 = V4 = 3.5 V (this status is
referred to as the initial status).
2. 1 Overcharge Detection Voltage (VCU1), Overcharge Release Voltage (VCL1)
The overcharge detection voltage (VCU1) is the voltage of V1 when the voltage of the COP pin is “H”
(VDD
× 0.9 V or more) after the V1 voltage has been gradually increased starting at the initial status.
The overcharge release voltage (VCL1) is the voltage of V1 when the voltage at the COP pin is “L” after
the V1 voltage has been gradually decreased.
2. 2 Overdischarge Detection Voltage (VDL1), Overdischarge Release Voltage (VDU1)
The overdischarge detection voltage (VDL1) is the voltage of V1 when the voltage of the DOP pin is “H”
after the V1 voltage has been gradually decreased starting at the initial status. The overdischarge
release voltage (VDU1) is the voltage of V1 when the voltage at the DOP pin is “L” after the V1 voltage
has been gradually increased.
When the voltage of Vn (n
= 2 to 4) is changed, the overcharge detection voltage (VCUn), overcharge
release voltage (VCLn), overdischarge detection voltage (VDLn), and overdischarge release voltage
(VDUn) can be determined in the same way as when n
= 1.
2. 3 Overcurrent Detection Voltage 1 (VIOV1)
Overcurrent detection voltage 1 (VIOV1) is the voltage of the VINI pin when the voltage of the DOP pin
is “H” after the VINI pin voltage has been gradually increased starting at the initial status.
2. 4 Overcurrent Detection Voltage 2 (VIOV2)
Overcurrent detection voltage 2 (VIOV2) is the voltage of the VINI pin when the voltage of the DOP pin
is “H” after the voltage of the CDT pin was set to VSS following the initial status and the voltage of the
VINI pin has been gradually decreased.
2. 5 Overcurrent Detection Voltage 3 (VIOV3)
Overcurrent detection voltage 3 (VIOV3) is the voltage difference between VVC1 and VVMP (VVC1
− VVMP)
when the voltage of the DOP pin is “H” after the VMP voltage has been gradually decreased starting at
the initial status.


Similar Part No. - S-8254AAKFT-TB-G

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8254AAKFT-TB-X ABLIC-S-8254AAKFT-TB-X Datasheet
470Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL- OR 4-SERIAL-CELL PACK
Rev.5.2_01
More results

Similar Description - S-8254AAKFT-TB-G

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com