Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1601SG-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCS1601SG-S08-R
Description  LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1601SG-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCS1601SG-S08-R Datasheet HTML 1Page - Unisonic Technologies UCS1601SG-S08-R Datasheet HTML 2Page - Unisonic Technologies UCS1601SG-S08-R Datasheet HTML 3Page - Unisonic Technologies UCS1601SG-S08-R Datasheet HTML 4Page - Unisonic Technologies UCS1601SG-S08-R Datasheet HTML 5Page - Unisonic Technologies UCS1601SG-S08-R Datasheet HTML 6Page - Unisonic Technologies UCS1601SG-S08-R Datasheet HTML 7Page - Unisonic Technologies UCS1601SG-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCS1601S
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R103-119.a
HIGH PERFORMANCE
CURRENT MODE POWER
SWITCH
DESCRIPTION
The UTC UCS1601S is an integrated PWM controller and Power
MOSFET specifically designed for switching operation with minimal
external components. The UTC UCS1601S is designed to provide
several special enhancements to satisfy the needs, for example,
Power-Saving mode for low standby power, Frequency Hopping ,
Constant Output Power Limiting , Slope Compensation ,Over Current
Protection (OCP), Over Voltage Protection (OVP), Over Load
Protection (OLP), Under Voltage Lock Out (UVLO), Over Temperature
Protection (OTP), etc. IC will be shutdown or can auto-restart in
situations.
FEATURE
DIP-8
SOP-8
* Internal Power MOSFET (600V)
* Programming Gate Driver Capability
* Frequency hopping for Improved EMI Performance.
* Lower than 30mW Standby Power Design
* Linearly decreasing frequency to 20~35KHz during light load
* Internal Soft start
* Internal Slope Compensation
* Constant Power Limiting for universal AC input Range
* Gate Output Maximum Voltage Clamp(16V)
* Over temperature protection
* Overload protection
* Over voltage protection
* Leading edge blanking
* Cycle-by-Cycle current limiting
* Under Voltage Lock Out
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UCS1601SL-D08-T
UCS1601SG-D08-T
DIP-8
Tube
-
UCS1601SG-S08-R
SOP-8
Tape Reel
MARKING


Similar Part No. - UCS1601SG-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCS1601SG-S08-R UTC-UCS1601SG-S08-R Datasheet
274Kb / 8P
   HIGH PERFORMANCE CURRENT MODE POWER SWITCH
More results

Similar Description - UCS1601SG-S08-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com