Electronic Components Datasheet Search |
|
S-8240ACG-I6T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc |
|
S-8240ACG-I6T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc |
3 / 45 page BATTERY PROTECTION IC FOR 1-CELL PACK Rev.2.1_01 S-8240A Series 3 Product Name Structure 1. Product name S-8240A xx - xxxx U Package abbreviation and IC packing specifications *1 M6T1: SOT-23-6, Tape I6T1: SNT-6A, Tape A6T2: HSNT-6 (1212), Tape Serial code *2 Sequentially set from AA to ZZ Environmental code U: Lead-free (Sn 100%), halogen-free *1. Refer to the tape drawing. *2. Refer to "3. Product name list". 2. Packages Table 1 Package Drawing Codes Package Name Dimension Tape Reel Land SOT-23-6 MP006-A-P-SD MP006-A-C-SD MP006-A-R-SD − SNT-6A PG006-A-P-SD PG006-A-C-SD PG006-A-R-SD PG006-A-L-SD HSNT-6 (1212) PM006-A-P-SD PM006-A-C-SD PM006-A-R-SD PM006-A-L-SD 3. Product name list 3. 1 SOT-23-6 Table 2 (1 / 2) Product Name Overcharge Detection Voltage [VCU] Overcharge Release Voltage [VCL] Overdischarge Detection Voltage [VDL] Overdischarge Release Voltage [VDU] Discharge Overcurrent Detection Voltage [VDIOV] Load Short- circuiting Detection Voltage [VSHORT] Charge Overcurrent Detection Voltage [VCIOV] S-8240ACS-M6T1U 4.425 V 4.225 V 2.500 V 2.800 V 0.200 V 0.500 V −0.150 V S-8240ACT-M6T1U 4.425 V 4.225 V 2.500 V 2.900 V 0.200 V 0.500 V −0.200 V Table 2 (2 / 2) Product Name Delay Time Combination *1 0 V Battery Charge Function Power-down Function Release Condition of Discharge Overcurrent Status Release Voltage of Discharge Overcurrent Status S-8240ACS-M6T1U (7) Available Unavailable Load disconnection VDIOV S-8240ACT-M6T1U (3) Available Unavailable Load disconnection VDIOV *1. Refer to Table 5 about the details of the delay time combinations. Remark Please contact our sales office for the products with detection voltage value other than those specified above. |
Similar Part No. - S-8240ACG-I6T1U |
|
Similar Description - S-8240ACG-I6T1U |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |