Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8252ABO-I6T1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8252ABO-I6T1U
Description  BATTERY PROTECTION IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8252ABO-I6T1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8252ABO-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8252ABO-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8252ABO-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8252ABO-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8252ABO-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8252ABO-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8252ABO-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8252ABO-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-8252ABO-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
S-8252 Series
Rev.3.2_00
6
Table 4
Delay Time
Combination
Overcharge
Detection
Delay Time
[tCU]
Overdischarge
Detection
Delay Time
[tDL]
Discharge Overcurrent
Detection
Delay Time
[tDIOV]
Load Short-circuiting
Detection
Delay Time
[tSHORT]
Charge Overcurrent
Detection
Delay Time
[tCIOV]
(1)
1.0 s
128 ms
8 ms
280
μs
8 ms
(2)
1.0 s
512 ms
8 ms
280
μs
8 ms
(3)
1.0 s
128 ms
8 ms
280
μs
(4)
1.0 s
128 ms
8 ms
1 ms
8 ms
(5)
1.0 s
128 ms
16 ms
280
μs
8 ms
Remark The delay times can be changed within the range listed Table 5. For details, please contact our sales office.
Table 5
Delay Time
Symbol
Selection Range
Remark
Overcharge detection delay time
tCU
256 ms
512 ms
1.0 s
*1
Select a value from the left.
Overdischarge detection delay time
tDL
32 ms
64 ms
128 ms
*1
Select a value from the left.
Discharge overcurrent detection delay time
tDIOV
4 ms
8 ms
*1
16 ms
Select a value from the left.
Load short-circuiting detection delay time
tSHORT
280
μs
*1
500
μs
1 ms
Select a value from the left.
Charge overcurrent detection delay time
tCIOV
4 ms
8 ms
*1
16 ms
Select a value from the left.
*1. This value is the delay time of the standard products.


Similar Part No. - S-8252ABO-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8252ABO-I6T1U ABLIC-S-8252ABO-I6T1U Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
More results

Similar Description - S-8252ABO-I6T1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com