Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8252ACD-I6T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8252ACD-I6T1U
Description  BATTERY PROTECTION IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8252ACD-I6T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8252ACD-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8252ACD-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8252ACD-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8252ACD-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8252ACD-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8252ACD-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8252ACD-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8252ACD-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8252ACD-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
S-8252 Series
www.sii-ic.com
BATTERY PROTECTION IC
FOR 2-SERIAL-CELL PACK
© SII Semiconductor Corporation, 2011-2016
Rev.3.2_00
1
The S-8252 Series is a protection IC for 2-serial-cell lithium-ion / lithium polymer rechargeable batteries and includes high-
accuracy voltage detection circuits and delay circuits.
The S-8252 Series is suitable for protecting 2-serial-cell rechargeable lithium-ion / lithium polymer battery packs from
overcharge, overdischarge, and overcurrent.
Features
• High-accuracy voltage detection function for each cell
Overcharge detection voltage n (n = 1, 2)
3.550 V to 4.600 V (5 mV steps)
Accuracy
±20 mV (Ta = +25°C)
Accuracy
±25 mV (Ta = −10°C to +60°C)
Overcharge release voltage n (n = 1, 2)
3.150 V to 4.600 V
*1
Accuracy
±30 mV
Overdischarge detection voltage n (n = 1, 2) 2.000 V to 3.000 V (10 mV steps)
Accuracy
±50 mV
Overdischarge release voltage n (n = 1, 2)
2.000 V to 3.400 V
*2
Accuracy
±100 mV
Discharge overcurrent detection voltage
0.050 V to 0.400 V (10 mV steps)
Accuracy
±10 mV
Load short-circuiting detection voltage
0.500 V (fixed)
Accuracy
±100 mV
Charge overcurrent detection voltage
−0.400 V to −0.050 V (25 mV steps) Accuracy ±20 mV
• Charge overcurrent detection function "available" / "unavailable" is selectable.
• Detection delay times are generated only by an internal circuit (external capacitors are unnecessary).
Accuracy
±20%
• High-withstand voltage (VM pin and CO pin: Absolute maximum rating = 28 V)
• 0 V battery charge function "available" / "unavailable" is selectable.
• Power-down function "available" / "unavailable" is selectable.
• Wide operation temperature range
Ta =
−40°C to +85°C
• Low current consumption
During operation
8.0
μA max. (Ta = +25°C)
During power-down
0.1
μA max. (Ta = +25°C)
• Lead-free (Sn 100%), halogen-free
*1. Overcharge release voltage = Overcharge detection voltage
− Overcharge hysteresis voltage
(Overcharge hysteresis voltage n (n = 1, 2) can be selected as 0 V or from a range of 0.1 V to 0.4 V in 50 mV steps.)
*2. Overdischarge release voltage = Overdischarge detection voltage
+ Overdischarge hysteresis voltage
(Overdischarge hysteresis voltage n (n = 1, 2) can be selected as 0 V or from a range of 0.1 V to 0.7 V in
100 mV steps.)
Applications
• Lithium-ion rechargeable battery pack
• Lithium polymer rechargeable battery pack
Packages
• SOT-23-6
• SNT-6A


Similar Part No. - S-8252ACD-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8252ACD-I6T1U ABLIC-S-8252ACD-I6T1U Datasheet
614Kb / 37P
   BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.3.9_00
More results

Similar Description - S-8252ACD-I6T1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com