Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5102CPFB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5102CPFB
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5102CPFB Datasheet(HTML) 5 Page - Texas Instruments

  ADS5102CPFB Datasheet HTML 1Page - Texas Instruments ADS5102CPFB Datasheet HTML 2Page - Texas Instruments ADS5102CPFB Datasheet HTML 3Page - Texas Instruments ADS5102CPFB Datasheet HTML 4Page - Texas Instruments ADS5102CPFB Datasheet HTML 5Page - Texas Instruments ADS5102CPFB Datasheet HTML 6Page - Texas Instruments ADS5102CPFB Datasheet HTML 7Page - Texas Instruments ADS5102CPFB Datasheet HTML 8Page - Texas Instruments ADS5102CPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
5
www.ti.com
electrical characteristics over recommended operating conditions, AVDD = DVDD = 1.8 V,
DRVDD = 3.3 V, Fs = 40, 65 MSPS (as appropriate)/50% duty cycle, –1 dBFS input span, CL = 10 pF
at D0–D9, internal reference, T(min) to T(max), typical data at 25°C (unless otherwise noted)
internal reference voltages
PARAMETER
MIN
TYP
MAX
UNIT
VREFT
Reference top voltage
1.30
1.34
1.39
V
VREFB
Reference bottom voltage
0.78
0.81
0.84
V
VCML
Common-mode voltage
0.85
1.05
1.15
V
VBG
Bandgap voltage
1.22
1.27
1.32
V
external reference voltages
PARAMETER
MIN
TYP
MAX
UNIT
REFT
Reference input voltage (top)
1.15
1.25
1.35
V
REFB
Reference input voltage (bottom)
0.70
0.75
0.85
V
REFT–REFB
Differential input
0.45
0.50
0.55
V
Input resistance
200
digital outputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
High level output voltage
I50 A
DRVDD = 1.8 V
DRVDD – 0.1
V
VOH
High-level output voltage
IOH = 50 µA
DRVDD = 3.3 V
DRVDD – 0.2
V
V
Low level output voltage
I50 A
DRVDD = 1.8 V
0.1
V
VOL
Low-level output voltage
IOL = 50 µA
DRVDD = 3.3 V
0.2
V
CL
External load capacitance
15
pF
digital inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
High level input voltage
DRVDD = 1.8 V
0.8
× DRVDD
V
VIH
High-level input voltage
DRVDD = 3.3 V
0.8
× DRVDD
V
V
Low level input voltage
DRVDD = 1.8 V
0.2
× DRVDD
V
VIL
Low-level input voltage
DRVDD = 3.3 V
0.2
× DRVDD
V
IIH
High-level input current
VIH = DRVDD
±5
µA
IIL
Low-level input current
VIL = 0 V
±5
µA
dc accuracy
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(INL)
Integral nonlinearity
ADS5102
±1
±2.5
LSB
(INL)
Integral nonlinearity
ADS5103
±0.5
±1.5
LSB
(DNL)
Differential nonlinearity
ADS5102
±0.5
±1
LSB
(DNL)
Differential nonlinearity
ADS5103
±0.4
±0.8
LSB
Missing code
No missing code assured
Offset error
REFT = 1.25 V, REFB = 0.75 V
±0.4
±1.5 %FSR
Gain error
REFT = 1.25 V, REFB = 0.75 V
±1.4
±2 %FSR


Similar Part No. - ADS5102CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI-ADS5120CGHK Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CGHK TI1-ADS5120CGHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120CZHK TI1-ADS5120CZHK Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5102CPFB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9609 AD-AD9609 Datasheet
1Mb / 32P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9609 AD-AD9609_17 Datasheet
1Mb / 33P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9204 AD-AD9204 Datasheet
1Mb / 36P
   10-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9629 AD-AD9629_17 Datasheet
906Kb / 33P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9266BCPZ-20 AD-AD9266BCPZ-20 Datasheet
870Kb / 32P
   16-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9629BCPZ-80 AD-AD9629BCPZ-80 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9649BCPZ-20 AD-AD9649BCPZ-20 Datasheet
1Mb / 32P
   14-Bit, 20/40/65/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9649 AD-AD9649_17 Datasheet
1Mb / 33P
   14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com