Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC6N136TLD Datasheet(PDF) 11 Page - COSMO Electronics Corporation

Part # KPC6N136TLD
Description  8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N136TLD Datasheet(HTML) 11 Page - COSMO Electronics Corporation

Back Button KPC6N136TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N136TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N136TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N136TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N136TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N136TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N136TLD Datasheet HTML 9Page - COSMO  Electronics Corporation KPC6N136TLD Datasheet HTML 10Page - COSMO  Electronics Corporation KPC6N136TLD Datasheet HTML 11Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51002.2
- 11 -
http://www.cosmo-ic.com
cosmo
KPC6N136 Series
8PIN HIGH-SPEED OUTPUT
PHOTOCOUPLER
Application Notice
The content of datasheet is the guidance for product use only. cosmo takes no responsibility to the
accuracy of the information provided here. For continuously improving all of products, including quality,
reliability, function...etc., cosmo reserves the right to change the specification, characteristics, data, materials,
and structure of products without notice. Please contact with cosmo to obtain the latest specification.
It would be required to comply with the absolute maximum ratings listed in the specification. cosmo has
no liability and responsibility to the damage caused by improper use of the products.
cosmo products are intended to be designed for use in general electronics application list below:
a. Personal computer
b. OA machine
c. Audio / Video
d. Instrumentation
e. Electrical application
f. Measurement equipment
g. Consumer electronics
h. Telecommunication
cosmo devices shall not be used or related with equipment requiring higher level of quality / reliability, or
malfunction, or failure which may cause loss of human life, bodily injury, includes, without limitation:
a. Medical and other life supporting equipments
b. Space application
c. Telecommunication equipment (trunk lines)
d. Nuclear power control
e. Equipment used for automotive vehicles, trains, ships...etc.
This publication is the property of cosmo. No part of this publication may be reproduced or copied in any form
or any means electronically or mechanically for any purpose, in whole or in part without any written permission
expressed from cosmo.


Similar Part No. - KPC6N136TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N136 COSMO-KPC6N136 Datasheet
406Kb / 3P
   High common mode relection voltage
KPC6N136H COSMO-KPC6N136H Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
KPC6N136S COSMO-KPC6N136S Datasheet
178Kb / 5P
   General Purpose Type Photocoupler
KPC6N136 COSMO-KPC6N136_12 Datasheet
173Kb / 5P
   General Purpose Type Photocoupler
More results

Similar Description - KPC6N136TLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N139 COSMO-KPC6N139_15 Datasheet
304Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC6N138 COSMO-KPC6N138_15 Datasheet
338Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC410 COSMO-KPC410_16 Datasheet
185Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC457 COSMO-KPC457_15 Datasheet
200Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com