Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC6N138TR Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KPC6N138TR
Description  8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC6N138TR Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KPC6N138TR Datasheet HTML 1Page - COSMO  Electronics Corporation KPC6N138TR Datasheet HTML 2Page - COSMO  Electronics Corporation KPC6N138TR Datasheet HTML 3Page - COSMO  Electronics Corporation KPC6N138TR Datasheet HTML 4Page - COSMO  Electronics Corporation KPC6N138TR Datasheet HTML 5Page - COSMO  Electronics Corporation KPC6N138TR Datasheet HTML 6Page - COSMO  Electronics Corporation KPC6N138TR Datasheet HTML 7Page - COSMO  Electronics Corporation KPC6N138TR Datasheet HTML 8Page - COSMO  Electronics Corporation KPC6N138TR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P51004.2
- 5 -
http://www.cosmo-ic.com
cosmo
KPC6N138 Series
8PIN HIGH-SPEED DARLINGTON OUTPUT
PHOTOCOUPLER
Fig.1 Forward Current
vs. Forward Voltage
Fig.2 Forward Current
vs. Ambient Temperature
500
1.8
-25°
1.6
1.2
1.0
1.4
20
2
5
10
50°
Ta=75°
C
50
100
200
C
2.4
2.0
2.2
C
C
25°
C
1
1.2
-40
1.1
1.3
-20
0
1.4
1.5
1.6
25
50
75
100
I =1.6mA
F
Forward Voltage VF (V)
Ambient Temperature Ta (℃)
Fig.3 Response and Fall Time
vs. Load Resistance
Fig.4 Current Transfer Ratio
vs. Forward Current
1 0
1
0 .1
tr
0 .5
0 .2
0 .1
1
2
5
1 0
2 0
1 0 0
5 0
I = A D J U S T E D F O R V
= 2 V
T a = 2 5 ° C
tf
F
O L
20
0.1
0.01
400
0
800
5
1
2000
1200
1600
Ta=25°
Vcc=5V
C
Vo=0.4V
10
Load Resistance RL (KΩ)
Forward current IF (mA)
Fig.5 Current Transfer Ratio
vs. Base-Emitter Resistance
Fig.6 Output Current
vs. Output Voltage
1 0 0 0
1 0
1 0 0
0
2 0 0
6 0 0
4 0 0
1 0 0 0
8 0 0
1 4 0 0
1 2 0 0
V o = 0 .4 V
Ic = 2 m A
I = 1 .6 m A
1 8 0 0
1 6 0 0
1
F
0
0
0.2
10
20
0.4 0.6 0.8
1.2
1.0
1.4
1mA
1.8
1.6
4mA
I =5mA
40
30
50
60
Vcc=5V
2mA
C
Ta=25°
3mA
F
Base Resistance RBE (KΩ)
Output Voltage VO (V)


Similar Part No. - KPC6N138TR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N138 COSMO-KPC6N138 Datasheet
338Kb / 3P
   Outside Dimension:unit(mm)
KPC6N138H COSMO-KPC6N138H Datasheet
157Kb / 7P
   General Purpose Type Photocoupler
KPC6N138S COSMO-KPC6N138S Datasheet
153Kb / 7P
   General Purpose Type Photocoupler
KPC6N138 COSMO-KPC6N138_12 Datasheet
155Kb / 7P
   General Purpose Type Photocoupler
More results

Similar Description - KPC6N138TR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC6N139 COSMO-KPC6N139_15 Datasheet
304Kb / 11P
   8PIN HIGH-SPEED DARLINGTON OUTPUT PHOTOCOUPLER
KPC6N136 COSMO-KPC6N136_15 Datasheet
337Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N135 COSMO-KPC6N135_15 Datasheet
345Kb / 11P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC6N137 COSMO-KPC6N137_16 Datasheet
331Kb / 12P
   8PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC825 COSMO-KPC825_15 Datasheet
282Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KP3020 COSMO-KP3020_15 Datasheet
286Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020 COSMO-KP1020_15 Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC410 COSMO-KPC410_16 Datasheet
185Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
KPC457 COSMO-KPC457_15 Datasheet
200Kb / 10P
   5PIN HIGH-SPEED OUTPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com