Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1761-CS14 Datasheet(PDF) 8 Page - Analog Devices

Part # AIC1761-CS14
Description  BATTERY CHARGE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AIC1761-CS14 Datasheet(HTML) 8 Page - Analog Devices

Back Button AIC1761-CS14 Datasheet HTML 4Page - Analog Devices AIC1761-CS14 Datasheet HTML 5Page - Analog Devices AIC1761-CS14 Datasheet HTML 6Page - Analog Devices AIC1761-CS14 Datasheet HTML 7Page - Analog Devices AIC1761-CS14 Datasheet HTML 8Page - Analog Devices AIC1761-CS14 Datasheet HTML 9Page - Analog Devices AIC1761-CS14 Datasheet HTML 10Page - Analog Devices AIC1761-CS14 Datasheet HTML 11Page - Analog Devices AIC1761-CS14 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AIC1761/1766
BATTERY CHARGE CONTROLLER
SPEC NO: DS-1761-02
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
8
MODE PIN
The MODE pin determines the mode in which the
IC works:
MODE
Pin
Mode
Function
Floating
NORMAL
Normal operation
VDD
TEST
1/512 safety timer
GND
AC
−∆V detector reset,
timer stops (not reset)
The AIC1761/1766 will operate normally when the
MODE pin is left floating ( a 0.1
µF capacitor is re-
commended to be tied to MODE pin if the charge
circuit works in a noisy environment). The
AIC1761/1766 otherwise works in following ways
if the MODE pin is biased either to VDD or to GND:
(A) AC Mode (MODE pin biased to GND)
In the midst of normal charge operation, where
VBT pin voltage is in the range from 0.8V to 3.5V
and the preset safety timer has not run out, the
safety timer will stop if the MODE pin is somehow
pulled down to GND level. As long as the MODE
pin remains low, the VOUT pin stays ON and
LED pin OFF regardless whether the battery pack
voltage declines (-
∆V present) or not.
The AC mode can be activated by pulling MODE
pin to GND to avoid premature battery charge
cutoff due to fluctuating charge current source.
Switching MODE pin after the end of the safety
timer has no effect on the AIC1761/1766 display
outputs, i.e., VOUT pin stays OFF while LED pin
stays ON.
(B) TEST Mode (MODE pin biased to VDD)
An unique feature of the AIC1761/1766 is that it
can be put into a TEST mode by pulling the
MODE pin to VDD, allowing verification tests for
the AIC1761/1766 charge circuit to be performed
in a few tens of seconds, extremely valuable in fi-
nal phase of production.
When the AIC1761/1766 is in TEST mode, all the
internal timers are reduced by the following fac-
tors when compared to normal operation:
1. Safety timer reduced by 512 times.
2. Initial timer reduced by 512 times.
3. Peak timer reduced by 64 times.
One critical requirement needs to be observed for
-
∆V detector of the AIC1761/1766 to work prop-
erly in TEST mode. That is, VBT pin voltage must
be kept between
approximately 2.8V to 3.3V,
rather than 0.8V to 3.5V in NORMAL mode.
If the TEST mode function is to be utilized in pro-
duction test, it has to be well planned and includ-
ed in circuit design phase to make the voltages of
VBT pin and MODE pin externally controllable. In
addition, an externally controllable TIMER pin can
further reduce test time required for testing the
AIC1761/1766 in TEST mode.
Fig. 3 shows the timing diagram for externally
controlled VBT, TIMER, and MODE pin voltages
of a recommended AIC1766 charge circuit pro-
duction test scheme, utilizing TEST mode func-
tion. Output waveforms of VOUT and LED pins
(and FLASH pin for 14 pin version) of a properly
functioning AIC1766 are also shown in the figure.
In timer segments 4, 8 and 10, VOUT pin should
change from ON to OFF, LED pin from OFF to
ON, and FLASH pin from ON to flashing output
(approximately 4 Hz). For the reset of time,
VOUT pin should remain ON, LED pin OFF, and
FLASH pin ON.


Similar Part No. - AIC1761-CS14

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CX AIC-AIC1714-30CX Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CZ AIC-AIC1714-30CZ Datasheet
162Kb / 5P
   Negative Voltage Regulator
More results

Similar Description - AIC1761-CS14

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com