Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1761-CS14 Datasheet(PDF) 10 Page - Analog Devices

Part # AIC1761-CS14
Description  BATTERY CHARGE CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AIC1761-CS14 Datasheet(HTML) 10 Page - Analog Devices

Back Button AIC1761-CS14 Datasheet HTML 6Page - Analog Devices AIC1761-CS14 Datasheet HTML 7Page - Analog Devices AIC1761-CS14 Datasheet HTML 8Page - Analog Devices AIC1761-CS14 Datasheet HTML 9Page - Analog Devices AIC1761-CS14 Datasheet HTML 10Page - Analog Devices AIC1761-CS14 Datasheet HTML 11Page - Analog Devices AIC1761-CS14 Datasheet HTML 12Page - Analog Devices AIC1761-CS14 Datasheet HTML 13Page - Analog Devices AIC1761-CS14 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AIC1761/1766
BATTERY CHARGE CONTROLLER
SPEC NO: DS-1761-02
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
10
The LED indicators work as the following table:
LED
PIN
VOUT
PIN
FLASH
PIN
Fast Charge
OFF
ON
ON
Trickle
Charge
ON
OFF
FLASH
VBT
Abnormal
OFF
OFF
OFF
LED pin is used in conjunction with VOUT pin
while FLASH pin works alone.
Referring to the APPLICATION EXAMPLES (Fig.
10), the temperature limits beyond where the fast
charge is prohibited can be set by choosing values
for resistors and the thermistor of the thermistor
divider according to the following formula:
R18 = 3.57 RT1 RT2/ (RT1 - RT2)
R19 = 10 RT1 RT2 / (1.218 RT1 - 11.2 RT2)
RT1 : Thermistor resistance at low temperature
limit.
RT2 : Thermistor resistance at high temperature
limit.
BATTERY VOLTAGE DIVIDER
To ensure proper operation of the AIC1761/1766,
selection of resistor values for battery voltage di-
vider must meet the following two crucial require-
ments:
1. When the battery pack is disconnected from
the charge circuitry, the voltage of VBT pin
must be higher than 4.0V or lower than 0.5 V to
put the AIC1761/1766 in reset status, where
VOUT and LED pins become high impedance
and FLASH pin (only for 14 pin version) goes to
high level.
2. When the battery pack is connected in normal
operation, the VBT pin voltage must remain in
the range of 0.8V to 3.5V even when the bat-
tery pack voltage reaches to its peak when
near full charge.
Take charging a 8-cell battery pack as an example.
The highest voltage would be 16V when fully
charged if the highest voltage of a fully charged
battery cell is assumed to be 2V. Since the VBT
pin voltage is restricted to be no higher than 3.5V,
the battery voltage divider ratio must be higher
than 3.57 (16V/3.5V -1). In other words, resistor
R14+R13 must be greater than 535K
Ω if R15 is
150K
Ω (refer to Fig. 4). When the battery pack is
disconnected from the charging circuitry the VBT
pin voltage must be higher than 4.0V, dictating
VBAT node voltage of the charging circuitry to be
higher than 18.3V (4V x 4.57). Practically, however,
the charging circuit supply voltage +VIN should be
higher than 18.5V in order to ensure proper op-
eration. In the case that supply voltage +VIN can
not meet this requirement, application circuit of Fig.
4 can be adopted to get around this problem.
9012
Q2
9012
Q1
27K
270K
270K
+VIN
150K
390K
150K
4.7
µF
0.1
µF
0.1
µF
C1
150K
VBAT
GND
VBT
R3
R2
R14
R13
R5
C2
R15
C3
R7
+
Fig. 4
Battery Voltage can be Raised to VIN - 0.9V
when being Charged.
CHARGER CIRCUIT DESIGN TIPS
1.
A stable constant charge current is crucial for
reliable precision
−∆V detection by the
AIC1761/1766 since fluctuation of the charge
current can cause fluctuation of the battery
terminal voltage due to battery internal series
resistance, which will likely result in errors
−∆V detection by a properly functioning
AIC1761/1766.
2.
To prevent the AIC1761/1766 from over-
voltage damage, make sure that none of
AIC1761/1766 pins sees any voltage beyond
the supply voltage, which needs to be be-
tween +9V and +18V.


Similar Part No. - AIC1761-CS14

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
AIC1702 AIC-AIC1702 Datasheet
686Kb / 15P
   Load Regulation, typical - 2mV
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CX AIC-AIC1714-30CX Datasheet
162Kb / 5P
   Negative Voltage Regulator
AIC1714-30CZ AIC-AIC1714-30CZ Datasheet
162Kb / 5P
   Negative Voltage Regulator
More results

Similar Description - AIC1761-CS14

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com