Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPC357NTCTLD Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KPC357NTCTLD
Description  4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPC357NTCTLD Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KPC357NTCTLD Datasheet HTML 1Page - COSMO  Electronics Corporation KPC357NTCTLD Datasheet HTML 2Page - COSMO  Electronics Corporation KPC357NTCTLD Datasheet HTML 3Page - COSMO  Electronics Corporation KPC357NTCTLD Datasheet HTML 4Page - COSMO  Electronics Corporation KPC357NTCTLD Datasheet HTML 5Page - COSMO  Electronics Corporation KPC357NTCTLD Datasheet HTML 6Page - COSMO  Electronics Corporation KPC357NTCTLD Datasheet HTML 7Page - COSMO  Electronics Corporation KPC357NTCTLD Datasheet HTML 8Page - COSMO  Electronics Corporation KPC357NTCTLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P04001.3
- 2 -
http://www.cosmo-ic.com
cosmo
KPC357NT Series
4PIN MINI-FLAT PHOTOTRANSISTOR
PHOTOCOUPLER
Outside Dimension
Unit : mm
TOLERANCE : ±0.2mm
Device Marking
Notes:
Cosmo
357NT
YWW
Y: Year code / WW: Week code
□:CTR rank
2.54
4.40
0.40
0.50
7.00
±0.5
±0.4
3.90±0.5


Similar Part No. - KPC357NTCTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC357NT COSMO-KPC357NT Datasheet
330Kb / 2P
   Mini-flat package General purpose Photo Coupler
logo
TAITRON Components Inco...
KPC357NT TAITRON-KPC357NT Datasheet
170Kb / 8P
   Mini-flat Package General Purpose Photo Coupler
logo
COSMO Electronics Corp...
KPC357NT0T COSMO-KPC357NT0T Datasheet
94Kb / 6P
   High Reliability Photocoupler
KPC357NT0TATLD COSMO-KPC357NT0TATLD Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0TATRU COSMO-KPC357NT0TATRU Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
More results

Similar Description - KPC357NTCTLD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC452 COSMO-KPC452_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KPC355NT COSMO-KPC355NT_15 Datasheet
215Kb / 10P
   4PIN MINI-FLAT PHOTODARLINGTON PHOTOCOUPLER
KP1210 COSMO-KP1210_15 Datasheet
291Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K1010 COSMO-K1010_16 Datasheet
472Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
K3010 COSMO-K3010_15 Datasheet
302Kb / 11P
   4PIN PHOTOTRANSISTOR PHOTOCOUPLER
KT1600 COSMO-KT1600_16 Datasheet
348Kb / 10P
   4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
KPC357NT0Z COSMO-KPC357NT0Z_15 Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0T COSMO-KPC357NT0T_15 Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
KPC357NT0W COSMO-KPC357NT0W_15 Datasheet
214Kb / 10P
   4PIN MINI-FLAT LOW INPUT CURRENT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com