Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP50102ETR Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KP50102ETR
Description  6PIN PHOTODARLINGTON PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP50102ETR Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KP50102ETR Datasheet HTML 1Page - COSMO  Electronics Corporation KP50102ETR Datasheet HTML 2Page - COSMO  Electronics Corporation KP50102ETR Datasheet HTML 3Page - COSMO  Electronics Corporation KP50102ETR Datasheet HTML 4Page - COSMO  Electronics Corporation KP50102ETR Datasheet HTML 5Page - COSMO  Electronics Corporation KP50102ETR Datasheet HTML 6Page - COSMO  Electronics Corporation KP50102ETR Datasheet HTML 7Page - COSMO  Electronics Corporation KP50102ETR Datasheet HTML 8Page - COSMO  Electronics Corporation KP50102ETR Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P21001.2
- 2 -
http://www.cosmo-ic.com
cosmo
KP5010 Series
6PIN PHOTODARLINGTON
PHOTOCOUPLER
Outside Dimension
Unit : mm
K P 5 0 1 0
K P 5 0 1 0 S
K P 5 0 1 0 H
K P 5 0 1 0 L
T O L E R A N C E : ± 0 .2 m m
6 .5 0
7.6 2
0.2 5
o
1 3.0 0
2. 54
o
1 3.0 0
7. 30
1 .20
5 .08
0. 50
7 .30
1 0.0 0± 0.4
1.0 0
6. 50
7 .62
0
~ 10 °
1 .20
2. 54
2 .5 4
7 . 30
1 . 20
0 . 5 0
2 . 5 4
5 .0 8
6. 5 0
7 . 62
0 . 25
1 0. 16 ±0.50
0
~ 10°
6. 5 0
7. 6 2
1 0. 1 6
0 .9 0± 0. 25
0. 90 ±0 . 25
1 1. 8 0+ 0 .2
- 0 .5
7 .30
5.0 8
1.2 0
2.5 4
1 .D u a l-in -lin e ty p e .
2 .S u rfa c e m o u n t ty p e .
3 .L o n g c re e p a g e d is ta n c e ty p e
4 .L o n g c re e p a g e d is ta n c e
fo r s u rfa c e m o u n t ty p e .
Device Marking
Notes:
cosmo
5010
YWW
Y: Year code / WW: Week code
cosmo
5010
YWW


Similar Part No. - KP50102ETR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP5010 COSMO-KP5010 Datasheet
253Kb / 2P
   High Reliability Photo Coupler
logo
TAITRON Components Inco...
KP5010 TAITRON-KP5010 Datasheet
189Kb / 6P
   High Reliability Photo Coupler
logo
COSMO Electronics Corp...
KP5010 COSMO-KP5010 Datasheet
122Kb / 6P
   High Reliability Photocoupler
KP5010H COSMO-KP5010H Datasheet
114Kb / 6P
   High Reliability Photocoupler
KP5010L COSMO-KP5010L Datasheet
127Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KP50102ETR

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP2110 COSMO-KP2110_15 Datasheet
286Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP2210 COSMO-KP2210_15 Datasheet
287Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
K2010 COSMO-K2010_15 Datasheet
289Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC815 COSMO-KPC815_15 Datasheet
287Kb / 11P
   4PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845 Datasheet
283Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com