Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP50102ATRU Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KP50102ATRU
Description  6PIN PHOTODARLINGTON PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP50102ATRU Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KP50102ATRU Datasheet HTML 1Page - COSMO  Electronics Corporation KP50102ATRU Datasheet HTML 2Page - COSMO  Electronics Corporation KP50102ATRU Datasheet HTML 3Page - COSMO  Electronics Corporation KP50102ATRU Datasheet HTML 4Page - COSMO  Electronics Corporation KP50102ATRU Datasheet HTML 5Page - COSMO  Electronics Corporation KP50102ATRU Datasheet HTML 6Page - COSMO  Electronics Corporation KP50102ATRU Datasheet HTML 7Page - COSMO  Electronics Corporation KP50102ATRU Datasheet HTML 8Page - COSMO  Electronics Corporation KP50102ATRU Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P21001.2
- 5 -
http://www.cosmo-ic.com
cosmo
KP5010 Series
6PIN PHOTODARLINGTON
PHOTOCOUPLER
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0
0
1
2
0.5mA
3
4
1mA
5
3mA
200
I =10mA
100
F
5mA
Ta=25'C
1.5mA
2mA
2.5mA
- 2 5
0
0
5 0
2 5
5 0
1 1 5
7 5
I = 1 m A
V
= 2 V
1 5 0
1 0 0
F
C E
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation
Voltage vs. Forward Current
Fig.9 Response Time
vs. Load Resistance
Ta=25 C
3
1
0
0
1
2
2
3
4
50mA
70mA
100mA
4
5
10mA
30mA
Ic=5mA
5
0 . 1
1 0 0
0 . 0 1
1
2
5
1 0
2 0
5 0
V c e = 2 V
I c = 2 0 m A
T a = 2 5 °
5 0 0
2 0 0
C
1
1 0
t f
t r
Forward Current IF (mA)
Load Resistance RL (KΩ)


Similar Part No. - KP50102ATRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP5010 COSMO-KP5010 Datasheet
253Kb / 2P
   High Reliability Photo Coupler
logo
TAITRON Components Inco...
KP5010 TAITRON-KP5010 Datasheet
189Kb / 6P
   High Reliability Photo Coupler
logo
COSMO Electronics Corp...
KP5010 COSMO-KP5010 Datasheet
122Kb / 6P
   High Reliability Photocoupler
KP5010H COSMO-KP5010H Datasheet
114Kb / 6P
   High Reliability Photocoupler
KP5010L COSMO-KP5010L Datasheet
127Kb / 6P
   High Reliability Photocoupler
More results

Similar Description - KP50102ATRU

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP2110 COSMO-KP2110_15 Datasheet
286Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP2210 COSMO-KP2210_15 Datasheet
287Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
K2010 COSMO-K2010_15 Datasheet
289Kb / 11P
   6PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC815 COSMO-KPC815_15 Datasheet
287Kb / 11P
   4PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP4020 COSMO-KP4020_15 Datasheet
280Kb / 11P
   8PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845 Datasheet
283Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com