Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV800T-70 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HY29LV800T-70
Description  8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV800T-70 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HY29LV800T-70 Datasheet HTML 1Page - Hynix Semiconductor HY29LV800T-70 Datasheet HTML 2Page - Hynix Semiconductor HY29LV800T-70 Datasheet HTML 3Page - Hynix Semiconductor HY29LV800T-70 Datasheet HTML 4Page - Hynix Semiconductor HY29LV800T-70 Datasheet HTML 5Page - Hynix Semiconductor HY29LV800T-70 Datasheet HTML 6Page - Hynix Semiconductor HY29LV800T-70 Datasheet HTML 7Page - Hynix Semiconductor HY29LV800T-70 Datasheet HTML 8Page - Hynix Semiconductor HY29LV800T-70 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Preliminary
Revision 1.0, November 2001
KEY FEATURES
n Single Power Supply Operation
– Read, program and erase operations from
2.7 to 3.6 volts
– Ideal for battery-powered applications
n High Performance
– 70 and 90 ns access time versions for full
voltage range operation
– 55 ns access time version for operation
from 3.0 to 3.6 volts
n Ultra-low Power Consumption (Typical
Values)
– Automatic sleep mode current: 0.2 µA
– Standby mode current: 0.2 µA
– Read current: 7 mA (at 5 Mhz)
– Program/erase current: 15 mA
n Flexible Sector Architecture:
– One 16 KB, two 8 KB, one 32 KB and
fifteen 64 KB sectors in byte mode
– One 8 KW, two 4 KW, one 16 KW and
fifteen 32 KW sectors in word mode
– Top or bottom boot block configurations
available
n Sector Protection
– Allows locking of a sector or sectors to
prevent program or erase operations
within that sector
– Sectors lockable in-system or via
programming equipment
– Temporary Sector Unprotect allows
changes in locked sectors (requires high
voltage on RESET# pin)
n Fast Program and Erase Times
– Sector erase time: 0.5 sec typical for each
sector
– Chip erase time: 10 sec typical
– Byte program time: 9
µs typical
– Word program time: 11
µs typical
n Unlock Bypass Program Command
– Reduces programming time when issuing
multiple program command sequences
n Automatic Erase Algorithm Preprograms
and Erases Any Combination of Sectors
or the Entire Chip
n Automatic Program Algorithm Writes and
Verifies Data at Specified Addresses
A[18:0]
19
CE#
OE#
RESET#
BYTE#
WE#
8
7
DQ[7:0]
DQ[14:8]
DQ[15]/A[-1]
RY/BY#
LOGIC DIAGRAM
n Minimum 100,000 Write Cycles per Sector
n Compatible With JEDEC standards
– Pinout and software compatible with
single-power supply Flash devices
– Superior inadvertent write protection
n Data# Polling and Toggle Bits
– Provide software confirmation of
completion of program and erase
operations
n Ready/Busy# Pin
– Provides hardware confirmation of
completion of program and erase
operations
n Erase Suspend/Erase Resume
– Suspends an erase operation to allow
reading data from, or programming data
to, a sector that is not being erased
– Erase Resume can then be invoked to
complete suspended erasure
n Hardware Reset Pin (RESET#) Resets the
Device to Reading Array Data
n Space Efficient Packaging
– 44-pin PSOP, 48-pin TSOP and 48-ball
FBGA packages
HY29LV800
8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory


Similar Part No. - HY29LV800T-70

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV800T-70

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
   8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
logo
ATMEL Corporation
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
logo
Elite Semiconductor Mem...
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
logo
Hynix Semiconductor
HY29LV400 HYNIX-HY29LV400 Datasheet
549Kb / 40P
   4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com