Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34058FTA Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC34058FTA
Description  HEX EIA??85 TRANSCEIVER with THREE?밪TATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34058FTA Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC34058FTA Datasheet HTML 3Page - Motorola, Inc MC34058FTA Datasheet HTML 4Page - Motorola, Inc MC34058FTA Datasheet HTML 5Page - Motorola, Inc MC34058FTA Datasheet HTML 6Page - Motorola, Inc MC34058FTA Datasheet HTML 7Page - Motorola, Inc MC34058FTA Datasheet HTML 8Page - Motorola, Inc MC34058FTA Datasheet HTML 9Page - Motorola, Inc MC34058FTA Datasheet HTML 10Page - Motorola, Inc MC34058FTA Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC34058 MC34059
7
MOTOROLA ANALOG IC DEVICE DATA
Table 1. Driver Truth Table
Enables
Outputs
Driver Data Inputs
DEX
REX
OAX
OBX
H
H
H
H
L
L
H
H
L
H
X
L
H
Z
Z
X
H
L
Not Defined
Not Defined
The outputs will be in a high impedance state when:
a) The Enable inputs are set according to Table 1;
b) The junction temperature exceeds the trip point of the thermal shutdown circuit. When in this condition, the output’s source and sink capability are shut off, and a
leakage current of less than 20
µA will flow. Disabled outputs may be taken to any voltage between –7.0 V and 12 V without damage to internal circuitry.
The drivers are protected from short circuits by two methods:
a) Current limiting is provided at each output, in both the source and sink direction, for shorts to any voltage within the 12 V to –7.0 V range, with respect to circuit
ground. The short circuit current will flow until the fault is removed, or until the thermal shutdown activates. The current limiting circuit has a negative temperature
coefficient and requires no resetting upon removal of the fault condition.
b) A thermal shutdown circuit disables the outputs when the junction temperature reaches +150
°C, ± 20°C. The thermal shutdown circuit has a hysteresis of ∼ 12°C
to prevent oscillations. When this circuit activates, the output stage of each driver is put into the high impedance mode, thereby shutting off the output currents.
However, the remainder of the internal circuitry remains biased and the outputs will become active once again as the IC cools down.
Receiver Inputs
The receiver inputs and enable logic determine the state of
the receiver outputs in accordance with Table 2. Each
receiver input pair has a nominal differential threshold of at
most 200 mV (Pin OAX with respect to OBX) and a common
mode voltage range of –7.0 V and 12 V must be maintained
for proper operation. A nominal hysteresis of 100 mV is
typical. The receiver input characteristics are shown in
Figure 8. When the inputs are in the high impedance state,
they remain capable of the common mode voltage range of
–7.0 V to 12 V.
Receiver Outputs
The receiver outputs are TTL type outputs and act in
accordance with Table 2.
Enable Logic
Each driver output is active when the Driver Enable input
is true according to Table 1. Each receiver output is active
when the Receiver Enable input is true according to Table 2.
The Enable inputs have a nominal threshold of 1.2 V and
their voltage must be kept within the range of 0 V and VCC for
proper operation. If the voltage is taken more than 0.5 V
below ground or above VCC, excessive currents will flow and
proper operation of the drivers will be affected. An open pin is
equivalent to a logic high, but good design practices dictate
that inputs should never be left open. The enable inputs are
TTL compatible. Since the same pins are used for driver input
and receiver output, care must be taken to make sure that
DEX and REX are not both enabled. This may result in
corruption of both the transmitted and received data.
Table 2. Receiver Truth Table
Receiver Data Inputs
Enables
Outputs
OAX–OBX
DEX
REX
DRX
≥ +200 mV
L
L
H
≤ –200 mV
L
L
L
X
L
H
Z
X
H
L
Not Defined
APPLICATIONS
The MC34058/9 was designed to meet EIA/TIA–422 and
EIA/TIA–485 standards. EIA/TIA–422 specifies balanced
point–to–point transmission with the provision for multiple
receivers on the line. EIA/TIA–485 specifies balanced
point–to–point transmission and allows for multiple drivers
and receivers on the line. Refer to EIA/TIA documents for
more details. Figure 9 shows a typical EIA/TIA–422 example.
Figure 10 shows a typical EIA/TIA–485 example.
Figure 9. Typical EIA/TIA–422 Application
RT
100


Similar Part No. - MC34058FTA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Motorola, Inc
MC34050 MOTOROLA-MC34050 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34051 MOTOROLA-MC34051 Datasheet
382Kb / 7P
   Dual ELA-422/423 Transceivers
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
MC34055DW MOTOROLA-MC34055DW Datasheet
184Kb / 16P
   IEEE 802.3 10BASE-T TRANSCEIVER
More results

Similar Description - MC34058FTA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC75172B ONSEMI-MC75172B_06 Datasheet
122Kb / 13P
   Quad EIA??85 Line Drivers with Three?뭆tate Outputs
July, 2006 ??Rev. 4
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS366A HITACHI-HD74LS366A Datasheet
49Kb / 5P
   Hex Bus Drivers(with three-state outputs)
logo
Renesas Technology Corp
HD74LS366A RENESAS-HD74LS366A Datasheet
161Kb / 5P
   Hex Bus Drivers (with three-state outputs)
HD74LS365A RENESAS-HD74LS365A Datasheet
145Kb / 5P
   Hex Bus Drivers (with three-state outputs)
logo
Hitachi Semiconductor
HD74LS365A HITACHI-HD74LS365A Datasheet
52Kb / 6P
   Hex Bus Drivers(with three-state outputs)
HD74LS368A HITACHI-HD74LS368A Datasheet
54Kb / 6P
   Hex Bus Drivers(inverted data outputs with three-state outputs)
logo
Renesas Technology Corp
HD74LS368A RENESAS-HD74LS368A Datasheet
64Kb / 6P
   Hex Bus Drivers (inverted data outputs with three-state outputs)
logo
Aeroflex Circuit Techno...
UT54ACS365 AEROFLEX-UT54ACS365 Datasheet
234Kb / 10P
   Hex Buffers/Line Drivers with Three-State Outputs
UT54ACTS245E AEROFLEX-UT54ACTS245E Datasheet
117Kb / 9P
   Octal Bus Transceiver with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com